công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC651BEUATR bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện TC651BEUATR
Giải thích chi tiết về linh kiện  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TC651BEUATR bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button TC651BEUATR Datasheet HTML 6Page - STMicroelectronics TC651BEUATR Datasheet HTML 7Page - STMicroelectronics TC651BEUATR Datasheet HTML 8Page - STMicroelectronics TC651BEUATR Datasheet HTML 9Page - STMicroelectronics TC651BEUATR Datasheet HTML 10Page - STMicroelectronics TC651BEUATR Datasheet HTML 11Page - STMicroelectronics TC651BEUATR Datasheet HTML 12Page - STMicroelectronics TC651BEUATR Datasheet HTML 13Page - STMicroelectronics TC651BEUATR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC650/TC651
DS21450C-page 10
 2004 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard device marking consists of Microchip part number, year code, week code, and traceability
code.
8-Lead MSOP
Example:
XXXXX
YWWNNN
650ACV
406256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16