công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC9402 bảng dữ liệu(PDF) 14 Page - Microchip Technology

tên linh kiện TC9402
Giải thích chi tiết về linh kiện  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9402 bảng dữ liệu(HTML) 14 Page - Microchip Technology

Back Button TC9402 Datasheet HTML 10Page - Microchip Technology TC9402 Datasheet HTML 11Page - Microchip Technology TC9402 Datasheet HTML 12Page - Microchip Technology TC9402 Datasheet HTML 13Page - Microchip Technology TC9402 Datasheet HTML 14Page - Microchip Technology TC9402 Datasheet HTML 15Page - Microchip Technology TC9402 Datasheet HTML 16Page - Microchip Technology TC9402 Datasheet HTML 17Page - Microchip Technology TC9402 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TC9400/9401/9402
DS21483C-page 14
© 2006 Microchip Technology Inc.
6.0
FREQUENCY-TO-VOLTAGE
(F/V) CIRCUIT DESCRIPTION
When used as an F/V converter, the TC9400 generates
an output voltage linearly proportional to the input
frequency waveform.
Each zero crossing at the threshold detector’s input
causes a precise amount of charge (q = CREF ∞ VREF)
to be dispensed into the op amp’s summing junction.
This charge, in turn, flows through the feedback resis-
tor, generating voltage pulses at the output of the op
amp. A capacitor (CINT) across RINT averages these
pulses into a DC voltage, which is linearly proportional
to the input frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24