| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC500 bảng dữ liệu(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC500 bảng dữ liệu(HTML) 19 Page - Microchip Technology |
|
19 / 34 page ![]() © 2006 Microchip Technology Inc. DS21428D-page 19 TC500/A/510/514 10.0 PACKAGING INFORMATION 10.1 Package Marking Information 16-Lead PDIP (300 mil) Example: 16-Lead SOIC (300 mil) Example: XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN XXXXXXXXXXXXX YYWWNNN TC500 CPE 0441256 XXXXXXXXXXXXX TC500 ACOE 0441256 Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for cus- tomer specific information. * Standard marking consists of Microchip part number, year code, week code, traceability code. For marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. 16-Lead CERDIP (300 mil) Example: XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN TC500 AIJE 0441256 |