công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA8552 bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện TDA8552
Giải thích chi tiết về linh kiện  2 x 1.4 W BTL audio amplifiers with digital volume control and headphone sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8552 bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button TDA8552 Datasheet HTML 9Page - NXP Semiconductors TDA8552 Datasheet HTML 10Page - NXP Semiconductors TDA8552 Datasheet HTML 11Page - NXP Semiconductors TDA8552 Datasheet HTML 12Page - NXP Semiconductors TDA8552 Datasheet HTML 13Page - NXP Semiconductors TDA8552 Datasheet HTML 14Page - NXP Semiconductors TDA8552 Datasheet HTML 15Page - NXP Semiconductors TDA8552 Datasheet HTML 16Page - NXP Semiconductors TDA8552 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1998 Jun 02
13
Philips Semiconductors
Preliminary specification
2
× 1.4 W BTL audio amplifiers with digital
volume control and headphone sensing
TDA8552T; TDA8552TS
AC CHARACTERISTICS (FOR HEADPHONE; RL =32 Ω; CONNECTED SE)
VDD =5V; Tamb =25 °C; f = 1 kHz; total gain setting at 20 dB; VMODE = 0 V; gain select pin is 0 V
(maximum gain = 20 dB); according to Fig.4.
Notes
1. The noise output voltage is measured at the output in a frequency band from 20 Hz to 20 kHz (unweighted),
Rsource =0 Ω, gain select pin is LOW (0 V).
2. Supply voltage ripple rejection is measured at the output, with a source impedance of Rsource =0 Ω at the input.
The ripple voltage is a sine wave with a frequency of 1 kHz and an amplitude of 100 mV (RMS) is applied to the
positive supply rail, gain select pin is LOW (0 V).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 10%; VDD = 3.3 V −
35
−
mW
THD = 10%; VDD = 5.0 V −
90
−
mW
THD = 0.5%; VDD = 3.3 V −
25
−
mW
THD = 0.5%; VDD = 5.0 V −
60
−
mW
THD
total harmonic distortion
Po =60mW
−
0.04
−
%
Vo(n)
noise output voltage
note 1
−
60
100
µV
SVRR
supply voltage ripple
rejection
note 2
50
55
−
dB
Vi(max)
maximum input voltage
THD = 1%;
Gv = −50 to 0 dB
−−
1.75
V
α
cs
channel separation
50
−−
dB
Fig.3 Timing UP/DOWN pin.
The rise time (tr) of the pulse may have any value.
handbook, full pagewidth
MGM611
tr
VDD
VUP/DOWN
0
Vth(UP)
Vth(DOWN)
Vfloat(max)
Vfloat(min)
tw
increasing volume
decreasing volume
floating
trep
tr
t
tw
trep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28