| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC651AGV bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TC651AGV bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 16 page ![]() TC650/TC651 DS21450C-page 10 2004 Microchip Technology Inc. 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Customer specific information* Y Year code (last digit of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard device marking consists of Microchip part number, year code, week code, and traceability code. 8-Lead MSOP Example: XXXXX YWWNNN 650ACV 406256 |