công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STSPIN32G0601 bảng dữ liệu(PDF) 22 Page - STMicroelectronics

tên linh kiện STSPIN32G0601
Giải thích chi tiết về linh kiện  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 bảng dữ liệu(HTML) 22 Page - STMicroelectronics

Back Button STSPIN32G0601 Datasheet HTML 18Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 19Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 20Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 21Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 22Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 23Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 24Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 25Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
6.2.3
Advanced-control timer (TIM1)
The advanced-control timer (TIM1) can be seen as a three-phase PWM multiplexed on six channels. It has
complementary PWM outputs with programmable inserted deadtimes.
This timer is used to generate the PWM signal for the three half-bridge gate drivers as shown in Table 9.
Table 9. TIM1 channel configuration
MCU I/O
Analog IC input/output
TIM1 channel
PB13
LIN1
TIM1_CH1N
PB14
LIN2
TIM1_CH2N
PB15
LIN3
TIM1_CH3N
PA8
HIN1
TIM1_CH1
PA9
HIN2
TIM1_CH2
PA10
HIN3
TIM1_CH3
PB12 (1)
FAULT
TIM1_BKIN
1. The PB12 must be configured with internal pull-up since FAULT output is open-drain.
STSPIN32G0601
Device description
DS14489 - Rev 1
page 22/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30