| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSV321IYD bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV321IYD bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 19 page ![]() TSV321-TSV358-TSV324 Electrical characteristics 7/19 Figure 1. Supply current/amplifier vs. supply voltage Figure 2. Supply current/amplifier vs. temperature 02 46 8 Supply Voltage (V) 0 100 200 300 400 500 600 Tamb = 25°C 02 46 8 Supply Voltage (V) 0 100 200 300 400 500 600 Tamb = 25°C -40 -20 0 204060 80 100 120 140 Temperature (°C) 250 300 350 400 450 500 550 Vcc = 5V Vcc = 3V -40 -20 0 204060 80 100 120 140 Temperature (°C) 250 300 350 400 450 500 550 Vcc = 5V Vcc = 3V Figure 3. Output power vs. supply voltage Figure 4. Input offset voltage drift vs. temperature 123 45 6 Supply Voltage (V) 0 10 20 30 40 50 60 10% distortion 1% distortion 0.1% distortion RL = 32 ohms 123 45 6 Supply Voltage (V) 0 10 20 30 40 50 60 10% distortion 1% distortion 0.1% distortion RL = 32 ohms -40 -20 0 204060 80 100 120 140 Temperature (°C) -150 -100 -50 0 50 100 150 200 Vcc = 3V Vcc = 5V -40 -20 0 204060 80 100 120 140 Temperature (°C) -150 -100 -50 0 50 100 150 200 Vcc = 3V Vcc = 5V Figure 5. Input bias current vs. temperature Figure 6. Open loop gain vs. temperature at VCC=5V -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) -40.0 -30.0 -20.0 -10.0 0.0 10.0 Vcc = 3V Vicm = 1.5V -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) -40.0 -30.0 -20.0 -10.0 0.0 10.0 Vcc = 3V Vicm = 1.5V -40 -20 0 20 406080 100 120 140 Temperature (°C) 70 80 90 100 110 Vcc = 5V Vicm = 2.5V RL = 600 ohms RL = 2 kOhms -40 -20 0 20 406080 100 120 140 Temperature (°C) 70 80 90 100 110 Vcc = 5V Vicm = 2.5V RL = 600 ohms RL = 2 kOhms |