| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS615 bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS615 bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 36 page ![]() Choosing the Feedback Circuit TS615 31/36 10.2 Active filtering From the resistors Rfb and RG we can directly calculate the gain of the filter in a classical, non-inverting amplification configuration: We assume the following expression as the response of the system: The cutoff frequency is not gain-dependent and so becomes: The damping factor is calculated by the following expression: The higher the gain the more sensitive the damping factor is. When the gain is higher than 1, it is preferable to use some very stable resistor and capacitor values. In the case of R1=R2: Figure 72. Low-pass active filtering. Sallen-Key + _ RG IN Rfb 910 Ω TS615 25 Ω OUT R1 R2 C2 C1 + _ RG IN Rfb 910 Ω TS615 25 Ω OUT R1 R2 C2 C1 A V g1 R fb R g ---------- + == T j ω Vout j ω Vin j ω ------------------- g 12 ζ j ω ω c ------- j ω () 2 ω c 2 -------------- ++ --------------------------------------------- == ω c 1 R1R2C 1C2 -------------------------------------- = ζ 1 2 --- ω c C 1 R 1 C 1 R 2 C 2 R 1 C 1 R 1 g – ++ () = ζ 2C 2 C 1 R fb R g ---------- – 2C 1 C 2 ------------------------------------ = |