| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS271BMD bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS271BMD bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 17 page ![]() 12/17 TS271 Electrical Characteristics 5 Electrical Characteristics Table 5. for ISET = 130µA - VCC + = +10V, VCC -= 0V, T amb = +25°C (unless otherwise specified) Symbol Parameter TS271C/AC/BC TS271I/AI/BI TS271M/AM/BM Unit Min. Typ. Max. Min. Typ. Max. Vio Input Offset Voltage VO = 1.4V, Vic = 0V TS271C/I/M TS271AC/AI/AM TS271BC/BI/BM Tmin ≤ Tamb ≤ Tmax TS271B/C/I/M TS271AC/AI/AM TS271BC/BI/BM 1.1 0.9 0.25 10 5 2 12 6.5 3 1.1 0.9 0.25 10 5 2 12 6.5 3.5 mV DVio Input Offset Voltage Drift 22 µV/°C Iio Input Offset Current note 1 Vic = 5V, VO = 5V Tmin ≤ Tamb ≤ Tmax 1) Maximum values including unavoidable inaccuracies of the industrial test. 1 100 1 200 pA Iib Input Bias Current - see note 1 Vic = 5V, VO = 5V Tmin ≤ Tamb ≤ Tmax 1 150 1 300 pA VOH High Level Output Voltage Vid = 100mV, RL = 10kΩ Tmin ≤ Tamb ≤ Tmax 8.2 8.1 8.4 8.2 8 8.4 V VOL Low Level Output Voltage Vid = -100mV 50 50 mV Avd Large Signal Voltage Gain ViC = 5V, RL = 10kΩ, Vo = 1V to 6V Tmin ≤ Tamb ≤ Tmax 10 7 15 10 6 15 V/mV GBP Gain Bandwidth Product Av = 40dB, RL = 10kΩ, CL = 100pF, fin = 100kHz 2.3 2.3 MHz CMR Common Mode Rejection Ratio ViC = 1V to 7.4V, Vo = 1.4V 60 80 60 80 dB SVR Supply Voltage Rejection Ratio VCC + = 5V to 10V, V o = 1.4V 60 70 60 70 dB ICC Supply Current (per amplifier) Av = 1, no load, Vo = 5V Tmin ≤ Tamb ≤ Tmax 800 1300 1400 800 1300 1500 µA Io Output Short Circuit Current Vo = 0V, Vid = 100mV 60 60 mA Isink Output Sink Current Vo = VCC, Vid = -100mV 45 45 mA SR Slew Rate at Unity Gain RL = 10kΩ, CL = 100pF, Vi = 3 to 7V 4.5 4.5 V/ µs φm Phase Margin at Unity Gain Av = 40dB, RL = 10kΩ CL = 10pF CL = 100pF 65 30 65 30 Degrees KOV Overshoot Factor Av = 40dB, RL = 10kΩ CL = 10pF CL = 100pF 30 50 30 50 % en Equivalent Input Noise Voltage f = 1kHz, Rs = 100Ω 30 30 nV Hz ------------ |