công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A49LF040A bảng dữ liệu(PDF) 21 Page - AMIC Technology

tên linh kiện A49LF040A
Giải thích chi tiết về linh kiện  4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMICC [AMIC Technology]
Trang chủ  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A49LF040A bảng dữ liệu(HTML) 21 Page - AMIC Technology

Back Button A49LF040A Datasheet HTML 17Page - AMIC Technology A49LF040A Datasheet HTML 18Page - AMIC Technology A49LF040A Datasheet HTML 19Page - AMIC Technology A49LF040A Datasheet HTML 20Page - AMIC Technology A49LF040A Datasheet HTML 21Page - AMIC Technology A49LF040A Datasheet HTML 22Page - AMIC Technology A49LF040A Datasheet HTML 23Page - AMIC Technology A49LF040A Datasheet HTML 24Page - AMIC Technology A49LF040A Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
A49LF040A
PRELIMINARY (March, 2006, Version 0.1)
20
AMIC Technology, Corp.
A/A MUX MODE AC CHARACTERISTICS
Table 20: Read Cycle Timing Parameters VDD=3.0-3.6V
Symbol
Parameter
Min
Max
Units
TRC
Read Cycle Time
270
ns
TRST
RST High to Row Address Setup
1
µs
TAS
C
R/
Address Set-up Time
45
ns
TAH
C
R/
Address Hold Time
45
ns
TAA
Address Access Time
120
ns
TOE
Output Enable Access Time
60
ns
TOLZ
OE Low to Active Output
0
ns
TOHZ
OE High to High-Z Output
35
ns
TOH
Output Hold from Address Change
0
ns
Table 21: Program/Erase Cycle Timing Parameters, VDD=3.0-3.6V
Symbol
Parameter
Min
Max
Units
TRST
RST High to Row Address Setup
1
µs
TAS
C
R/
Address Setup Time
50
ns
TAH
C
R/
Address Hold Time
50
ns
TCWH
C
R/
to Write Enable High Time
50
ns
TOES
OE High Setup Time
20
ns
TOEH
OE High Hold Time
20
ns
TOEP
OE to Data Polling Delay
40
ns
TOET
OE to Toggle Bit Delay
40
ns
TWP
WE
Pulse Width
100
ns
TWPH
WE
Pulse Width High
100
ns
TDS
Data Setup Time
50
ns
TDH
Data Hold Time
5
ns
TIDA
Product ID Access and Exit Time
150
ns
TBP
Byte Programming Time
300
µs
TBE
Block Erase Time
8
s
TSCE
Chip Erase Time
10
s
Table 22: Reset Timing Parameters, VDD=3.0-3.6V
Symbol
Parameter
Min
Max
Units
TPRST
VDD Stable to Reset Low
1
ms
TRSTP
RST Pulse Width
100
ns
TRSTF
RST Low to Output Float
48
ns
TRST
(1)
RST High to LFRAME Low
1
µs
TRSTE
RST Low to Reset During Erase or Program
10
µs
Notes:
1. There will be a reset latency of TRSTE if a reset procedure is performed during a Program or Erase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com