| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24AA256-E/MS bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24AA256-E/MS bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 26 page ![]() © 2005 Microchip Technology Inc. DS21203N-page 23 24AA256/24LC256/24FC256 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Note 1: Most products manufactured after January 2005 will have a Matte Tin (Pb-free) finish. Most products manufactured before January 2005 will have a finish of approximately 63% Sn and 37% Pb (Sn/Pb). Please visit www.microchip.com for the latest information on Pb-free conversion, including conversion date codes. Sales and Support Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office 2. The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 3. The Microchip Worldwide Site (www.microchip.com) Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products. PART NO. X /XX Package Temperature Range Device Device: 24AA256: 256 Kbit 1.8V I2C Serial EEPROM 24AA256T: 256 Kbit 1.8V I2C Serial EEPROM Tape and Reel) 24LC256: 256 Kbit 2.5V I2C Serial EEPROM 24LC256T: 256 Kbit 2.5V I2C Serial EEPROM Tape and Reel) 24FC256: 256 Kbit High Speed I2C Serial EEPROM 24FC256T: 256 Kbit High Speed I2C Serial EEPROM Tape and Reel) Temperature Range: I= -40 °C to +85°C E= -40 °C to +125°C Package: P = Plastic DIP (300 mil body), 8-lead SN = Plastic SOIC (150 mil body), 8-lead SM = Plastic SOIC (208 mil body), 8-lead ST = Plastic TSSOP (4.4 mm), 8-lead MF = Dual, Flat, No Lead (DFN)(6x5 mm body), 8-lead MS = Plastic Micro Small Outline (MSOP), 8-lead Lead Finish: Blank = Pb-free – Matte Tin (see Note 1) G = Pb-free – Matte Tin only Examples: a) 24AA256-I/P: Industrial Temp., 1.8V, PDIP package. b) 24AA256T-I/SN: Tape and Reel, Industrial Temp., 1.8V, SOIC package. c) 24AA256-I/ST: Industrial Temp., 1.8V, TSSOP package. d) 24AA256-I/MS: Industrial Temp., 1.8V, MSOP package. e) 24LC256-E/P: Extended Temp., 2.5V, PDIP package. f) 24LC256-I/SN: Industrial Temp., 2.5V, SOIC package. g) 24LC256T-I/SN: Tape and Reel, Industrial Temp., 2.5V, SOIC package. h) 24LC256-I/MS: Industrial Temp, 2.5V, MSOP package. i) 24FC256-I/P: Industrial Temp, 1.8V, High Speed, PDIP package. j) 24FC256-I/SN: Industrial Temp, 1.8V, High Speed, SOIC package. k) 24FC256T-I/SN: Tape and Reel, Industrial Temp, 1.8V, High Speed, SOIC package l) 24LC256T-I/STG: Industrial Temp, 2.5V, TSSOP package, Tape & Reel, Pb-free m) 24LC256-I/PG: Industrial Temp, 2.5V, PDIP package, Pb-free X Lead Finish |