| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST202BDR bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST202BDR bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 18 page ![]() Maximum ratings ST202B - ST202C 4/18 2 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage -0.3 to 6 V V+ Extra positive voltage (VCC -0.3) to 13.2 V V- Extra negative voltage 0.3 to -13.2 V TIN Transmitter input voltage range -0.3 to (VCC + 0.3) V RIN Receiver input voltage range ± 30 V TOUT Transmitter output voltage range ± 15 V ROUT Receiver output voltage range -0.3 to (VCC + 0.3) V TSCTOUT Short circuit duration on TOUT infinite |