| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SE555 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SE555 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 20 page ![]() Package information NE555 - SA555 - SE555 16/20 5 Package information In order to meet environmental requirements, STMicroelectronics offers these devices in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics trademark. ECOPACK specifications are available at: www.st.com. |