công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24FC256T-E/MSG bảng dữ liệu(PDF) 23 Page - Microchip Technology

tên linh kiện 24FC256T-E/MSG
Giải thích chi tiết về linh kiện  256K I2C CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC256T-E/MSG bảng dữ liệu(HTML) 23 Page - Microchip Technology

Back Button 24FC256T-E/MSG Datasheet HTML 18Page - Microchip Technology 24FC256T-E/MSG Datasheet HTML 19Page - Microchip Technology 24FC256T-E/MSG Datasheet HTML 20Page - Microchip Technology 24FC256T-E/MSG Datasheet HTML 21Page - Microchip Technology 24FC256T-E/MSG Datasheet HTML 22Page - Microchip Technology 24FC256T-E/MSG Datasheet HTML 23Page - Microchip Technology 24FC256T-E/MSG Datasheet HTML 24Page - Microchip Technology 24FC256T-E/MSG Datasheet HTML 25Page - Microchip Technology 24FC256T-E/MSG Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21203N-page 23
24AA256/24LC256/24FC256
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Note 1: Most products manufactured after January 2005 will have a Matte Tin (Pb-free) finish. Most products
manufactured before January 2005 will have a finish of approximately 63% Sn and 37% Pb (Sn/Pb). Please
visit www.microchip.com for the latest information on Pb-free conversion, including conversion date codes.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences
and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of
the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA256:
256 Kbit 1.8V I2C Serial
EEPROM
24AA256T:
256 Kbit 1.8V I2C Serial
EEPROM Tape and Reel)
24LC256:
256 Kbit 2.5V I2C Serial
EEPROM
24LC256T:
256 Kbit 2.5V I2C Serial
EEPROM Tape and Reel)
24FC256:
256 Kbit High Speed I2C Serial
EEPROM
24FC256T:
256 Kbit High Speed I2C Serial
EEPROM Tape and Reel)
Temperature
Range:
I=
-40
°C to +85°C
E=
-40
°C to +125°C
Package:
P
= Plastic DIP (300 mil body), 8-lead
SN
= Plastic SOIC (150 mil body), 8-lead
SM
= Plastic SOIC (208 mil body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
MF
= Dual, Flat, No Lead (DFN)(6x5 mm
body), 8-lead
MS
= Plastic Micro Small Outline (MSOP),
8-lead
Lead Finish:
Blank = Pb-free – Matte Tin (see Note 1)
G
= Pb-free – Matte Tin only
Examples:
a)
24AA256-I/P:
Industrial Temp.,
1.8V, PDIP package.
b)
24AA256T-I/SN: Tape and Reel,
Industrial Temp., 1.8V, SOIC
package.
c)
24AA256-I/ST:
Industrial Temp.,
1.8V, TSSOP package.
d)
24AA256-I/MS:
Industrial Temp.,
1.8V, MSOP package.
e)
24LC256-E/P:
Extended Temp.,
2.5V, PDIP package.
f)
24LC256-I/SN:
Industrial Temp.,
2.5V, SOIC package.
g)
24LC256T-I/SN: Tape and Reel,
Industrial Temp., 2.5V, SOIC
package.
h)
24LC256-I/MS:
Industrial Temp,
2.5V, MSOP package.
i)
24FC256-I/P:
Industrial Temp,
1.8V, High Speed, PDIP package.
j)
24FC256-I/SN:
Industrial Temp,
1.8V, High Speed, SOIC package.
k)
24FC256T-I/SN: Tape and Reel,
Industrial Temp, 1.8V, High Speed,
SOIC package
l)
24LC256T-I/STG: Industrial Temp,
2.5V, TSSOP package, Tape & Reel,
Pb-free
m) 24LC256-I/PG:
Industrial Temp,
2.5V, PDIP package, Pb-free
X
Lead
Finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com