| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24LC00T-/ST bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC00T-/ST bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 22 page ![]() 2004 Microchip Technology Inc. DS21226E-page 15 24LCS61/24LCS62 9.0 EXTERNAL DEVICE SELECT (EDS) PIN AND OUTPUT ENABLE (OE) BIT The External Device Select (EDS) pin is an open drain, low active output and may be used by the system designer for functions such as enabling other circuitry when the 24LCS61/62 is being accessed. Because the pin is an open drain output, a pull-up resistor is required for proper operation of this pin. When the device is powered up, the EDS pin will always be in the high- impedance state (off). The EDS pin function is controlled by using the output enable (OE) bit in the control byte of each command. If the OE bit is high, the EDS pin is enabled and if the OE bit is low the pin is disabled. For the Assign Address command and standard Read or Write commands, the EDS pin will pull low (providing that the OE bit is set high) on the ris- ing clock edge after the ack bit following the ID byte. See Figure 9-1. For commands such as the Clear Address command, the EDS pin will change states at the rising clock edge just before the Stop bit. It is also possible to control the EDS pin by sending a partial command such as the control byte and ID byte for a Write command followed by the Stop bit. The EDS pin would change states just before the Stop bit as shown in the lower portion of Figure 9-1. When the EDS pin has changed states, it is latched and will remain in a given state until another command is sent to the device with the OE bit set to change the state of the pin, or power to the device is removed. FIGURE 9-1: EDS PIN OPERATION SCL 9 8 7 6 5 4 3 2 1 123 For commands such as the Assign Address command or standard read and writes, the EDS pin will be asserted on this rising clock edge if the OE bit was set to a one in the control byte. If the OE bit is a zero and the previous command asserted it, then the EDS pin will be released by the device on this clock edge. SDA 9 8 7 6 51 2 3 0 1 1 0 Start Bit Control Byte ACK BIT 4 ID Byte ACK BIT SCL 9 8 7 6 5 4 3 2 1 123 For commands such as the Clear Address command, the command is ter- minated at this point with a Stop bit. The EDS pin will be asserted on this rising clock edge if the OE bit was set to a one in the control byte. If the OE bit is a zero and the previous command asserted it, then the EDS pin will be released by the device at this point. SDA 9 8 7 6 5 0 1 1 0 Start Bit Control Byte ACK BIT 4 ID Byte ACK BIT Stop BIT EDS EDS |