công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24LC128T-E/ST bảng dữ liệu(PDF) 23 Page - Microchip Technology

tên linh kiện 24LC128T-E/ST
Giải thích chi tiết về linh kiện  128K I2C CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC128T-E/ST bảng dữ liệu(HTML) 23 Page - Microchip Technology

Back Button 24LC128T-E/ST Datasheet HTML 18Page - Microchip Technology 24LC128T-E/ST Datasheet HTML 19Page - Microchip Technology 24LC128T-E/ST Datasheet HTML 20Page - Microchip Technology 24LC128T-E/ST Datasheet HTML 21Page - Microchip Technology 24LC128T-E/ST Datasheet HTML 22Page - Microchip Technology 24LC128T-E/ST Datasheet HTML 23Page - Microchip Technology 24LC128T-E/ST Datasheet HTML 24Page - Microchip Technology 24LC128T-E/ST Datasheet HTML 25Page - Microchip Technology 24LC128T-E/ST Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2007 Microchip Technology Inc.
DS21191P-page 23
24AA128/24LC128/24FC128
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA128:
128 Kbit 1.7V I2C Serial
EEPROM
24AA128T:
128 Kbit 1.7V I2C Serial
EEPROM (Tape and Reel)
24LC128:
128 Kbit 2.5V I2C Serial
EEPROM
24LC128T:
128 Kbit 2.5V I2C Serial
EEPROM (Tape and Reel)
24FC128:
128 Kbit High Speed I2C Serial
EEPROM
24FC128T:
128 Kbit High Speed I2C Serial
EEPROM (Tape and Reel)
Temperature
Range:
I=
-40
°C to +85°C
E=
-40
°C to +125°C
Package:
P
= Plastic DIP (300 mil body), 8-lead
SN
= Plastic SOIC (3.90 mm body), 8-lead
SM
= Plastic SOIC (5.28 mm body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
MF
= Dual, Flat, No Lead (DFN)(6x5 mm
body), 8-lead
MS
= Plastic Micro Small Outline (MSOP),
8-lead
Examples:
a)
24AA128-I/P:
Industrial Temp.,
1.7V, PDIP package.
b)
24AA128T-I/SN: Tape and Reel,
Industrial Temp., 1.7V, SOIC
package.
c)
24AA128-I/ST:
Industrial Temp.,
1.7V, TSSOP package.
d)
24AA128-I/MS:
Industrial Temp.,
1.7V, MSOP package.
e)
24LC128-E/P:
Extended Temp.,
2.5V, PDIP package.
f)
24LC128-I/SN:
Industrial Temp.,
2.5V, SOIC package.
g)
24LC128T-I/SN: Tape and Reel,
Industrial Temp., 2.5V, SOIC
package.
h)
24LC128-I/MS:
Industrial Temp.,
2.5V, MSOP package.
i)
24FC128-I/P:
Industrial Temp.,
1.7V, High Speed, PDIP package.
j)
24FC128-I/SN:
Industrial Temp.,
1.7V, High Speed, SOIC package.
k)
24FC128T-I/SN: Tape and Reel,
Industrial Temp., 1.7V, High Speed,
SOIC package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com