| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24LC00T-E/ST bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC00T-E/ST bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 24 page ![]() © 2007 Microchip Technology Inc. DS21178G-page 21 24AA00/24LC00/24C00 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. X /XX Package Temperature Range Device Device: 24AA00: = 1.7V, 128 bit I2C™ Serial EEPROM 24AA00T: = 1.7V, 128 bit I2C Serial EEPROM (Tape and Reel) 24LC00: = 2.5V, 128 bit I2C Serial EEPROM 24LC00T: = 2.5V, 128 bit I2C Serial EEPROM (Tape and Reel) 24C00: = 5V, 128 bit I2C™ Serial EEPROM 24C00T: = 5V, 128 bit I2C™ Serial EEPROM (Tape and Reel) Temperature Range: I = -40°C to +85°C E = -40°C to +125°C Package: P = Plastic DIP (300 mil body), 8-lead SN = Plastic SOIC (3.90 mm body), 8-lead ST = Plastic TSSOP (4.4 mm), 8-lead OT = SOT-23, 5-lead (Tape and Reel only) MC = 2x3 DFN, 8-lead Examples: a) 24AA00-I/P: Industrial Temperature,1.8V PDIP package b) 24AA00-I/SN: Industrial Temperature, 1.8V, SOIC package c) 24AA00T-I/OT: Industrial Temperature, 1.8V, SOT-23 package, tape and reel d) 24LC00-I/P: Industrial Temperature, 2.5V, PDIP package e) 24C00-E/SN: Extended Temperature, 5V, SOIC package f) 24LC00T-I/OT: Industrial Temperature, 2.5V, SOT-23 package, tape and reel |