| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24C32A-/SM bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24C32A-/SM bảng dữ liệu(HTML) 2 Page - Microchip Technology |
|
2 / 12 page ![]() 24C32A DS21163E-page 2 2004 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS 1.1 Maximum Ratings* VCC...................................................................................7.0V All inputs and outputs w.r.t. VSS ............... -0.6V to VCC +1.0V Storage temperature .....................................-65°C to +150°C Ambient temp. with power applied ................-65°C to +125°C Soldering temperature of leads (10 seconds) ............. +300°C ESD protection on all pins ..................................................≥ 4 kV *Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is a stress rat- ing only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. TABLE 1-1: PIN FUNCTION TABLE Name Function A0,A1,A2 User Configurable Chip Selects VSS Ground SDA Serial Address/Data I/O SCL Serial Clock WP Write Protect Input VCC +4.5V to 5.5V Power Supply TABLE 1-2: DC CHARACTERISTICS FIGURE 1-1: BUS TIMING START/STOP Vcc = +4.5V to 5.5V Commercial (C): Tamb = 0°C to +70°C Industrial (I): Tamb = -40°C to +85°C Automotive(E): Tamb = -40°C to +125°C Parameter Symbol Min Typ Max Units Conditions A0, A1, A2, SCL , SDA and WP pins: High level input voltage VIH .7 VCC —V Low level input voltage VIL —.3 Vcc V Hysteresis of Schmitt Trigger inputs VHYS .05 VCC —V (Note) Low level output voltage VOL —.40 V IOL = 3.0 mA Input leakage current ILI -10 10 µAVIN = .1V to VCC Output leakage current ILO -10 10 µAVOUT = .1V to VCC Pin capacitance (all inputs/outputs) CIN, COUT —10 pF VCC = 5.0V (Note) Tamb = 25°C, Fc = 1 MHz Operating current ICC Write — 3 mA VCC = 5.5V, SCL = 400 kHz ICC Read — 0.5 mA VCC = 5.5V, SCL = 400 kHz Standby current ICCS — 1 5 µA SCL = SDA = VCC = 5.5V WP = VSS, A0, A1, A2 = VSS Note: This parameter is periodically sampled and not 100% tested. SCL SDA TSU:STA THD:STA TSU:STO VHYS START STOP |