| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24C32AT-E/SM bảng dữ liệu(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24C32AT-E/SM bảng dữ liệu(HTML) 6 Page - Microchip Technology |
|
6 / 12 page ![]() 24C32A DS21163E-page 6 2004 Microchip Technology Inc. 4.0 WRITE OPERATION 4.1 Byte Write Following the start condition from the master, the con- trol code (four bits), the device select (three bits), and the R/W bit which is a logic low are clocked onto the bus by the master transmitter. This indicates to the addressed slave receiver that a byte with a word address will follow after it has generated an acknowl- edge bit during the ninth clock cycle. Therefore, the next byte transmitted by the master is the high-order byte of the word address and will be written into the address pointer of the 24C32A. The next byte is the least significant address byte. After receiving another acknowledge signal from the 24C32A the master device will transmit the data word to be written into the addressed memory location. The 24C32A acknowledges again and the master gen- erates a stop condition. This initiates the internal write cycle, and during this time the 24C32A will not gener- ate acknowledge signals (Figure 4-1). 4.2 Page Write The write control byte, word address and the first data byte are transmitted to the 24C32A in the same way as in a byte write. But instead of generating a stop condi- tion, the master transmits up to 32 bytes which are tem- porarily stored in the on-chip page buffer and will be written into memory after the master has transmitted a stop condition. After receipt of each word, the five lower address pointer bits are internally incremented by one. If the master should transmit more than 32 bytes prior to generating the stop condition, the address counter will roll over and the previously received data will be overwritten. As with the byte write operation, once the stop condition is received, an internal write cycle will begin. (Figure 4-2). Note: Page write operations are limited to writing bytes within a single physical page, regard- less of the number of bytes actually being written. Physical page boundaries start at addresses that are integer multiples of the page buffer size (or ‘page size’) and end at addresses that are integer multiples of [page size - 1]. If a page write command attempts to write across a physical page boundary, the result is that the data wraps around to the beginning of the current page (overwriting data previously stored there), instead of being written to the next page as might be expected. It is therefore neces- sary for the application software to prevent page write operations that would attempt to cross a page boundary. FIGURE 4-1: BYTE WRITE FIGURE 4-2: PAGE WRITE 0000 BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY S T A R T CONTROL BYTE ADDRESS HIGH BYTE ADDRESS LOW BYTE DATA A C K A C K A C K A C K S T O P S P 000 0 BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY S T A R T CONTROL BYTE ADDRESS HIGH BYTE ADDRESS LOW BYTE DATA BYTE 0 A C K A C K A C K A C K S T O P DATA BYTE 31 S P |