| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPR081 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPR081 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 22 page ![]() MPR081 Sensors Freescale Semiconductor 11 Table 10. FIFO Register Format Register R/W Register Address Register Data D7 D6 D5 D4 D3 D2 D1 D0 FIFO Register(1) 1. Reading or writing the MPR08 clears IRQ, IRQ will only be re-asserted by an event after the FIFO has been emptied by read(s). 1 0x00 More Flag Empty Flag Overflow Flag Rotary Pad that has been detected as pressed FIFO Status Clear the FIFO. Subsequent reads without any intervening addition(s) to the FIFO will return 1'b0100000 0 0x00 Clear FIFO (D7 - D0 data is don’t care; it is not stored) This data is not the last FIFO item. FIFO has not overflowed. 1 1 0 0 X X X X X This data is not the last FIFO item. FIFO did overflow, discarding the most recent entries. 1 0 1 X X X X X This data is the last FIFO item. FIFO has not overflowed. Subsequent reads without any intervening addition(s) to the FIFO will return 1'b0100000 0 0 0 X X X X X This data is the last FIFO item. FIFO did overflow, discarding the most recent entries (FIFO overflow flag will now be cleared). Subsequent reads without any intervening addition(s) to the FIFO will return 1'b0100000 0 0 1 X X X X X FIFO is empty 0 1 0 0 0 0 0 0 Rotary Input Events Rotary has been released 1 0x00 X X X 0 0 0 0 0 Rotary is in position North (N) X X X 1 0 0 0 0 Rotary is in position NNE X X X 1 0 0 0 1 Rotary is in position NE X X X 1 0 0 1 0 Rotary is in position NEE X X X 1 0 0 1 1 Rotary is in position East (E) X X X 1 0 1 0 0 Rotary is in position SEE X X X 1 0 1 0 1 Rotary is in position SE X X X 1 0 1 1 0 Rotary is in position SSE X X X 1 0 1 1 1 Rotary is in position South (S) X X X 1 1 0 0 0 Rotary is in position SSW X X X 1 1 0 0 1 Rotary is in position SW X X X 1 1 0 1 0 Rotary is in position SWW X X X 1 1 0 1 1 Rotary is in position West (W) X X X 1 1 1 0 0 Rotary is in position NWW X X X 1 1 1 0 1 Rotary is in position NW X X X 1 1 1 1 0 Rotary is in position NNW X X X 1 1 1 1 1 |