| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA8002BT/3/C2 bảng dữ liệu(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8002BT/3/C2 bảng dữ liệu(HTML) 12 Page - NXP Semiconductors |
|
12 / 28 page ![]() 1997 Nov 04 12 Philips Semiconductors Product specification IC card interface TDA8002 DEACTIVATION SEQUENCE When a session is completed, the microcontroller sets the CMDVCC line to HIGH state or MODE line to LOW state. The circuit then executes an automatic deactivation sequence by counting the sequencer down and ends in idle mode. Figures 11 and 12 illustrate the deactivation sequence as described below: 1. RST goes LOW (t11 ≈ t10) 2. CLK is stopped (t12 =t11 + 1⁄2T) 3. I/O, AUX1, AUX2 are outputs into high-impedance state (t13 =t11 +T) 4. VCC falls to zero (t14 =t11 +11⁄2T); a special circuitry ensures that I/O remains below VCC during falling slope of VCC 5. VUP falls (t15 =t11 + 5T). Fig.11 Deactivation sequence. handbook, full pagewidth MGE739 CMDVCC VUP OSC_INT/64 VCC I/O CLK RSTIN RST high - Z tde t10 t11 t12 t13 t14 t15 |