công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAT01GH bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện MAT01GH
Giải thích chi tiết về linh kiện  Matched Monolithic Dual Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

MAT01GH bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button MAT01GH Datasheet HTML 4Page - Analog Devices MAT01GH Datasheet HTML 5Page - Analog Devices MAT01GH Datasheet HTML 6Page - Analog Devices MAT01GH Datasheet HTML 7Page - Analog Devices MAT01GH Datasheet HTML 8Page - Analog Devices MAT01GH Datasheet HTML 9Page - Analog Devices MAT01GH Datasheet HTML 10Page - Analog Devices MAT01GH Datasheet HTML 11Page - Analog Devices MAT01GH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
MAT01
APPLICATIONS INFORMATION
Application of reverse bias voltages to the emitter to base junctions
in excess of ratings (5 V) may result in degradation of hFE and
hFE matching characteristics. Check circuit designs to ensure
that reverse bias voltages above 5 V cannot be applied during
transient conditions, such as at circuit turn-on and turn-off.
Stray thermoelectric voltages generated by dissimilar metals at
the contacts to the input terminals can prevent realization of the
predicted drift performance. Maintain both input terminals at
the same temperature, preferably close to the temperature of the
device package.
Rev. D | Page 9 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12