| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD736BRZ-R7 bảng dữ liệu(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD736BRZ-R7 bảng dữ liệu(HTML) 20 Page - Analog Devices |
|
20 / 20 page ![]() AD736 Data Sheet Rev. I | Page 20 of 20 ORDERING GUIDE Model1 Temperature Range Package Description Package Option AD736AQ –40°C to +85°C 8-Lead CERDIP Q-8 AD736BQ –40°C to +85°C 8-Lead CERDIP Q-8 AD736AR-REEL –40°C to +85°C 8-Lead SOIC_N R-8 AD736AR-REEL7 –40°C to +85°C 8-Lead SOIC_N R-8 AD736ARZ –40°C to +85°C 8-Lead SOIC_N R-8 AD736ARZ-R7 –40°C to +85°C 8-Lead SOIC_N R-8 AD736ARZ-RL –40°C to +85°C 8-Lead SOIC_N R-8 AD736BR-REEL –40°C to +85°C 8-Lead SOIC_N R-8 AD736BR-REEL7 –40°C to +85°C 8-Lead SOIC_N R-8 AD736BRZ –40°C to +85°C 8-Lead SOIC_N R-8 AD736BRZ-R7 –40°C to +85°C 8-Lead SOIC_N R-8 AD736BRZ-RL –40°C to +85°C 8-Lead SOIC_N R-8 AD736JN 0°C to +70°C 8-Lead PDIP N-8 AD736JNZ 0°C to +70°C 8-Lead PDIP N-8 AD736KNZ 0°C to +70°C 8-Lead PDIP N-8 AD736JR 0°C to +70°C 8-Lead SOIC_N R-8 AD736JR-REEL 0°C to +70°C 8-Lead SOIC_N R-8 AD736JR-REEL7 0°C to +70°C 8-Lead SOIC_N R-8 AD736JRZ 0°C to +70°C 8-Lead SOIC_N R-8 AD736JRZ-RL 0°C to +70°C 8-Lead SOIC_N R-8 AD736JRZ-R7 0°C to +70°C 8-Lead SOIC_N R-8 AD736KRZ 0°C to +70°C 8-Lead SOIC_N R-8 AD736KRZ-RL 0°C to +70°C 8-Lead SOIC_N R-8 AD736KRZ-R7 0°C to +70°C 8-Lead SOIC_N R-8 AD736-EVALZ Evaluation Board 1 Z = RoHS Compliant Part. ©1988–2012 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D00834-0-12/12(I) |