| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T45331J bảng dữ liệu(PDF) 4 Page - Bi technologies |
|
|
|||||||||||||||||||||||||||||
T45331J bảng dữ liệu(HTML) 4 Page - Bi technologies |
|
4 / 4 page ![]() 4-66 Model T Series ORDERING INFORMATION T 8 1 331 / 471 J Model Series No. of Leads: 4 thru 14 Circuit Type: 1 = Bussed 3 = Isolated 5 = Dual Terminator Tolerance Code: G = 2%(Optional) J = 5% (Standard) R2 Resistance Code: (Add for -5 circuit only.) Resistance Code: First 2 digits are significant . Last digit denotes number of trailing zeros. TYPICAL PART MARKING Model Name Date Code T8 - 1 - 103J 933 Logo Lead #1 Indicator |