| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA8002CT/C bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8002CT/C bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
|
6 / 28 page ![]() 1999 Oct 12 6 Philips Semiconductors Product specification IC card interface TDA8002C Note 1. A pull-up resistor of 100 k Ω connected to VDD is integrated. MODE 28 28 28 27 I operating mode selection input (HIGH = normal; LOW = sleep) VDDD −−− 28 supply digital supply voltage DGND2 −−− 29 supply digital ground 2 SYMBOL PIN I/O DESCRIPTION TYPE CT/A TYPE CT/B TYPE CT/C TYPE CG Fig.2 Pin configuration (TDA8002CT/A). handbook, halfpage XTAL1 XTAL2 I/OUC AUX1UC AUX2UC ALARM CLKSEL CLKDIV1 CLKDIV2 STROBE CLKOUT DGND1 AGND S2 MODE RSTIN RST CLK VCC AUX1 AUX2 I/O VUP S1 VDDA 1 2 3 4 5 6 7 8 9 10 11 12 13 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 TDA8002CT/A FCE247 OFF CMDVCC PRES Fig.3 Pin configuration (TDA8002CT/B). handbook, halfpage XTAL1 XTAL2 I/OUC AUX1UC CS ALARM CLKSEL CLKDIV1 CLKDIV2 STROBE CLKOUT DGND1 AGND S2 MODE RSTIN RST CLK VCC AUX1 I/O VUP S1 VDDA 1 2 3 4 5 6 7 8 9 10 11 12 13 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 TDA8002CT/B FCE248 OFF CMDVCC PRES PRES |