| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA5345HT bảng dữ liệu(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA5345HT bảng dữ liệu(HTML) 25 Page - NXP Semiconductors |
|
25 / 44 page ![]() 1999 June 10 25 Philips Semiconductors Preliminary specification 5 V spindle & VCM driver combo TDA5345HT Spindle brake after retract sequence : In case of power down, an emergency procedure is initiated by the PorN signal : the spindle back-EMF is synchronously rectified to supply the VCM ramp unload function. At the end of the full power step, a spindle short-circuit brake is activated (SpinMotA, SpinMotB & SpinMotC are together short-circuited to ground). It is supplied by an external reservoir capacitor connected to pin BrakePower (60). Shock sensor amplifier: A complete circuitry is included on-chip to control an external shock sensor. Figure 14 shows a typical application diagram: Fig.17 The states for the VCM retract VCM+ VCM- BRAKE SOFT RETRACT FULL POWER BRAKE DELAY SOFT RISING FCK135 |