công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PAMC0136DENR bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện PAMC0136DENR
Giải thích chi tiết về linh kiện  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PAMC0136DENR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button PAMC0136DENR Datasheet HTML 7Page - Texas Instruments PAMC0136DENR Datasheet HTML 8Page - Texas Instruments PAMC0136DENR Datasheet HTML 9Page - Texas Instruments PAMC0136DENR Datasheet HTML 10Page - Texas Instruments PAMC0136DENR Datasheet HTML 11Page - Texas Instruments PAMC0136DENR Datasheet HTML 12Page - Texas Instruments PAMC0136DENR Datasheet HTML 13Page - Texas Instruments PAMC0136DENR Datasheet HTML 14Page - Texas Instruments PAMC0136DENR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
6.3.4 Digital Output
An input signal of 0V ideally produces a stream of ones and zeros that are high 50% of the time. An input of 1V
produces a stream of ones and zeros that is high 90.0% of the time. With 16 bits of resolution, that percentage
ideally corresponds to code 58982. An input of –1V produces a stream of ones and zeros that is high 10.0%
of the time. With 16 bits of resolution, that percentage ideally corresponds to code 6553. These input voltages
are also the specified linear range of the AMC0136. If the input voltage value exceeds this range, the output of
the modulator shows increasing nonlinear behavior as the quantization noise increases. The modulator output
clips with a constant stream of zeros with an input ≤1V or with a constant stream of ones with an input ≥1V. In
this case, however, the AMC0136 generates a single 1 or 0 every 128 clock cycles to indicate proper device
function. A single 1 is generated if the input is at negative full-scale and a 0 is generated if the input is at positive
full-scale. See the Output Behavior in Case of a Full-Scale Input section for more details. Figure 6-3 shows the
input voltage versus the output modulator signal.
Modulator Output
+ FS (Analog Input)
– FS (Analog Input)
Analog Input
Figure 6-3. Modulator Output vs Analog Input
The density of ones in the output bitstream is calculated using Equation 1 for any input voltage VIN. Except for a
full-scale input signal, as described in the Output Behavior in Case of a Full-Scale Input section.
ρ=VIN+VClipping
2×VClipping
(1)
6.3.4.1 Output Behavior in Case of a Full-Scale Input
If a full-scale input signal is applied to the AMC0136, the device generates a single one or zero every 128 bits at
DOUT. Figure 6-4 shows a timing diagram of this process. A single 1 or 0 is generated depending on the actual
polarity of the signal being sensed. A full-scale signal is defined when |VIN| ≥ |VClipping|. In this way, differentiating
between a missing AVDD and a full-scale input signal is possible on the system level.
DOUT
CLKOUT
127 CLKIN cycles
127 CLKIN cycles
VIN
–1.25 V
VIN ≥ 1.25 V
DOUT
Figure 6-4. Full-Scale Output of the AMC0136
www.ti.com
AMC0136
SBASAZ0 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com