| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA4858 bảng dữ liệu(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA4858 bảng dữ liệu(HTML) 26 Page - NXP Semiconductors |
|
26 / 44 page ![]() 1997 Oct 27 26 Philips Semiconductors Product specification Economy Autosync Deflection Controller (EASDC) TDA4858 Fig.11 Pulse diagrams for composite sync applications. a. Reduced influence of vertical sync on horizontal phase. b. Generation of video clamping pulses during vertical sync with serration pulses. handbook, full pagewidth composite sync (TTL) internal integration of composite sync internal vertical trigger pulse PLL1 control voltage at HPLL1 (pin 26) at HSYNC (pin 15) pulses at CLBL (pin 16) (triggered on trailing edge) clamping and blanking pulses at CLBL (pin 16) (triggered on leading edge) clamping and blanking MGD098 handbook, full pagewidth composite sync (TTL) at HSYNC (pin 15) clamping and blanking pulses at CLBL (pin 16) (triggered on trailing edge) clamping and blanking pulses at CLBL (pin 16) (triggered on leading edge) MGD099 |