| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C310 bảng dữ liệu(PDF) 43 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
C310 bảng dữ liệu(HTML) 43 Page - Coilcraft lnc. |
|
43 / 60 page ![]() www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595 43 * Bold numbers indicate tolerances carried in stock. When ordering, please replace underscore in part number with the proper tolerance code: K = 10%, M = 20%. (e.g. DO3308P-105KLD for a 10% tolerance part.) DO3308P Low Profile Inductance Percent DCR max SRF typ I sat (A) I rms Part number (µH) tolerance* (Ohms) (MHz) 10% drop (A) DO3308P-472_LD 4.7 20,10 0.036 50 4.2 3.2 DO3308P-682_LD 6.8 20,10 0.060 47 3.9 2.6 DO3308P-103_LD 10 20,10 0.085 35 2.7 2.3 DO3308P-153_LD 15 20,10 0.12 33 2.3 1.9 DO3308P-223_LD 22 20,10 0.18 25 1.8 1.5 DO3308P-333_LD 33 20,10 0.25 19 1.6 1.2 DO3308P-473_LD 47 20,10 0.32 14 1.3 1.0 DO3308P-683_LD 68 20,10 0.54 12 1.1 0.90 DO3308P-104_LD 100 20,10 0.69 10 0.87 0.73 DO3308P-154_LD 150 20,10 0.94 8.0 0.74 0.62 DO3308P-224_LD 220 20,10 1.60 6.0 0.56 0.51 DO3308P-334_LD 330 20,10 2.15 5.0 0.50 0.40 DO3308P-474_LD 470 20,10 3.30 4.0 0.40 0.33 DO3308P-684_LD 680 20,10 4.40 3.0 0.33 0.28 DO3308P-105_LD 1000 20,10 7.00 2.5 0.29 0.23 DO3316P Inductance Percent DCR max SRF typ I sat (A) I rms Part number (µH) tolerance* (Ohms) (MHz) 10% drop (A) DO3316P-102MLD 1.0 20 0.009 100 9.0 6.8 DO3316P-152MLD 1.5 20 0.010 90 8.0 6.4 DO3316P-222_LD 2.2 20,10 0.012 80 7.0 6.1 DO3316P-332_LD 3.3 20,10 0.015 65 6.4 5.4 DO3316P-472_LD 4.7 20,10 0.018 45 5.4 4.8 DO3316P-682_LD 6.8 20,10 0.027 38 4.6 4.4 DO3316P-103_LD 10 20,10 0.038 30 3.8 3.9 DO3316P-153_LD 15 20,10 0.046 27 3.0 3.1 DO3316P-223_LD 22 20,10 0.085 19 2.6 2.7 DO3316P-333_LD 33 20,10 0.10 15 2.0 2.1 DO3316P-473_LD 47 20,10 0.14 12 1.6 1.8 DO3316P-683_LD 68 20,10 0.20 10 1.4 1.5 DO3316P-104_LD 100 20,10 0.28 9 1.2 1.3 DO3316P-154_LD 150 20,10 0.40 6 1.0 1.0 DO3316P-224_LD 220 20,10 0.61 5 0.8 0.80 DO3316P-334_LD 330 20,10 1.02 4.5 0.60 0.60 DO3316P-474_LD 470 20,10 1.27 3.5 0.50 0.50 DO3316P-684_LD 680 20,10 2.02 2.5 0.40 0.40 DO3316P-105_LD 1000 20,10 3.00 2.0 0.30 0.30 DO3316P-155_LD 1500 20,10 4.49 1.7 0.29 0.27 DO3316P-335_LD 3300 20,10 8.97 1.1 0.19 0.17 A B C D E FG Dimensions (inches mm) Series A max B max C D E F G DO1608C 0.175 4,45 0.260 6,60 0.115 2,92 0.155 3,94 0.050 1,27 0.170 4,32 0.040 1,02 DO3308P 0.370 9,40 0.510 12,95 0.118 3,00 0.330 8,38 0.100 2,54 0.300 7,62 0.100 2,54 DO3316P 0.370 9,40 0.510 12,95 0.205 5,21 0.330 8,38 0.100 2,54 0.300 7,62 0.100 2,54 DO3316T 0.390 9,91 0.510 12,95 0.250 6,35 0.330 8,38 0.160 4,06 0.400 10,16 0.060 1,52 DO1608C Inductance DCR max SRF typ I sat (A) I rms (A) Part number ±20% (µH) (Ohms) (MHz) 10% drop 20° rise 40° rise DO1608C-102MLC 1.0 0.05 130 2.90 1.90 2.70 DO1608C-152MLC 1.5 0.06 115 2.60 1.90 2.65 DO1608C-222MLC 2.2 0.07 100 2.30 1.85 2.55 DO1608C-272MLC 2.7 0.08 75 2.10 1.80 2.45 DO1608C-332MLC 3.3 0.08 70 2.00 1.60 2.20 DO1608C-472MLC 4.7 0.09 50 1.50 1.40 1.90 DO1608C-682MLC 6.8 0.13 45 1.20 1.20 1.60 DO1608C-822MLC 8.2 0.16 40 1.15 1.10 1.55 DO1608C-103MLC 10 0.16 35 1.10 1.10 1.50 DO1608C-153MLC 15 0.23 30 0.90 0.90 1.25 DO1608C-223MLC 22 0.37 20 0.70 0.75 0.95 DO1608C-333MLC 33 0.51 15 0.58 0.60 0.80 DO1608C-473MLC 47 0.64 14 0.50 0.52 0.70 DO1608C-683MLC 68 0.86 11 0.40 0.44 0.60 DO1608C-104MLC 100 1.27 9.0 0.31 0.37 0.50 DO1608C-154MLC 150 2.00 6.0 0.27 0.28 0.39 DO1608C-224MLC 220 3.11 5.5 0.22 0.23 0.31 DO1608C-334MLC 330 3.80 5.0 0.18 0.22 0.30 DO1608C-474MLC 470 5.06 4.0 0.16 0.20 0.26 DO1608C-684MLC 680 9.20 3.0 0.14 0.14 0.19 DO1608C-105MLC 1000 13.8 2.0 0.10 0.11 0.15 DO3316T Inductance Percent DCR max SRF typ I sat (A) I rms Part number (µH) tolerance* (Ohms) (MHz) 10% drop (A) DO3316T-331MLD 0.33 20 0.002 200 20 16 DO3316T-681MLD 0.68 20 0.005 200 13 12 DO3316T-102MLD 1.0 20 0.006 100 11 10 DO3316T-152MLD 1.5 20 0.008 90 9.0 9.0 DO3316T-222_LD 2.2 20,10 0.011 90 7.8 7.4 DO3316T-272_LD 2.7 20,10 0.012 65 7.0 6.6 DO3316T-332_LD 3.3 20,10 0.014 60 6.4 5.9 DO3316T-392_LD 3.9 20,10 0.015 50 5.9 5.3 DO3316T-472_LD 4.7 20,10 0.018 50 5.4 4.8 DO3316T-562_LD 5.6 20,10 0.021 45 4.7 4.65 DO3316T-682_LD 6.8 20,10 0.024 43 4.4 4.40 DO3316T-822_LD 8.2 20,10 0.032 34 4.0 4.15 DO3316T-103_LD 10 20,10 0.034 31 3.9 3.90 DO3316T-123_LD 12 20,10 0.036 27 3.4 3.50 DO3316T-153_LD 15 20,10 0.045 25 3.1 3.10 DO3316T-183_LD 18 20,10 0.050 22 2.8 2.90 DO3316T-223_LD 22 20,10 0.070 18 2.5 2.70 DO3316T-273_LD 27 20,10 0.085 18 2.3 2.30 DO3316T-333_LD 33 20,10 0.100 17 2.0 2.10 DO3316T-393_LD 39 20,10 0.120 15 1.8 1.95 DO3316T-473_LD 47 20,10 0.150 14 1.65 1.80 DO3316T-563_LD 56 20,10 0.165 12 1.45 1.65 DO3316T-683_LD 68 20,10 0.220 11 1.40 1.50 DO3316T-823_LD 82 20,10 0.250 10 1.30 1.40 DO3316T-104_LD 100 20,10 0.280 9.0 1.20 1.30 DO3316T-124_LD 120 20,10 0.400 8.0 1.00 1.00 DO3316T-154_LD 150 20,10 0.460 6.0 0.90 0.90 DO3316T-184_LD 180 20,10 0.520 6.0 0.85 0.85 DO3316T-224_LD 220 20,10 0.700 5.0 0.80 0.80 DO3316T-274_LD 270 20,10 0.800 5.0 0.75 0.70 DO3316T-334_LD 330 20,10 1.07 4.5 0.60 0.60 DO3316T-394_LD 390 20,10 1.14 4.0 0.62 0.55 DO3316T-474_LD 470 20,10 1.27 3.5 0.50 0.50 Dimensions (inches mm) Series A max B max C max D E SD43 0.185 4,7 0.165 4,2 0.136 3,45 0.063 1,60 0.051 1,30 SD54 0.236 6,0 0.222 5,63 0.197 5,0 0.090 2,29 0.105 2,67 SD54 I sat(A) I rms(A) Inductance DCR(Ohms) SRFtyp 10% 20% 30% 20°C 40°C Partnumber (µH) nom max (MHz) drop drop drop rise rise SD54-103MLC 10±20% 0.072 0.079 28 2.0 2.3 2.4 1.7 2.3 SD54-123MLC 12±20% 0.080 0.088 26 1.8 2.0 2.2 1.6 2.2 SD54-153MLC 15±20% 0.094 0.103 23 1.5 1.8 1.9 1.5 2.1 SD54-183MLC 18±20% 0.103 0.113 21 1.4 1.6 1.8 1.4 2.0 SD54-223MLC 22±20% 0.119 0.130 19 1.3 1.5 1.6 1.3 1.8 SD54-273MLC 27±20% 0.134 0.147 18 1.2 1.4 1.4 1.2 1.7 SD54-333MLC 33±20% 0.150 0.165 16 1.1 1.2 1.3 1.2 1.6 SD54-393MLC 39±20% 0.195 0.214 13 1.0 1.1 1.2 1.0 1.4 SD54-473MLC 47±20% 0.222 0.244 12 0.92 1.0 1.1 0.97 1.3 SD54-563KLC 56±10% 0.251 0.276 11 0.83 0.96 1.0 0.92 1.3 SD54-683KLC 68±10% 0.335 0.368 9.3 0.76 0.88 0.95 0.80 1.1 SD54-823KLC 82±10% 0.379 0.416 8.4 0.69 0.80 0.85 0.74 1.1 SD54-104KLC 100±10% 0.503 0.553 7.4 0.62 0.72 0.77 0.64 0.88 SD54-124KLC 120±10% 0.579 0.636 7.0 0.56 0.66 0.71 0.58 0.80 SD54-154KLC 150±10% 0.654 0.719 6.3 0.51 0.60 0.64 0.57 0.77 SD54-184KLC 180±10% 0.874 0.961 5.5 0.46 0.53 0.57 0.49 0.67 SD54-224KLC 220±10% 0.996 1.095 5.0 0.43 0.50 0.54 0.47 0.66 |