| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF5030AID bảng dữ liệu(PDF) 3 Page - Burr-Brown (TI) |
|
|
|
|||||||||||||||||||||||||||||
REF5030AID bảng dữ liệu(HTML) 3 Page - Burr-Brown (TI) |
|
3 / 16 page ![]() www.ti.com ELECTRICAL CHARACTERISTICS: PER DEVICE REF5020,, REF5025 REF5030, REF5040 REF5045, REF5050 SBOS410 – JUNE 2007 Boldface limits apply over the specified temperature range, TA = –40°C to +125°C. At TA = +25°C, ILOAD = 0, CL = 1μF, and VIN = (VOUT + 0.2V) to 18V, unless otherwise noted. PER DEVICE PARAMETER CONDITIONS MIN TYP MAX UNIT REF5020 (VOUT = 2.048V) (1) OUTPUT VOLTAGE Output Voltage VOUT 2.7V < VIN < 18V 2.048 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 6 μVPP REF5025 (VOUT = 2.5V) OUTPUT VOLTAGE Output Voltage VOUT 2.5 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 7.5 μVPP REF5030 (VOUT = 3.0V) OUTPUT VOLTAGE Output Voltage VOUT 3.0 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 9 μVPP REF5040 (VOUT = 4.096V) OUTPUT VOLTAGE Output Voltage VOUT 4.096 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 12 μVPP REF5045 (VOUT = 4.5V) OUTPUT VOLTAGE Output Voltage VOUT 4.5 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 13.5 μVPP REF5050 (VOUT = 5.0V) OUTPUT VOLTAGE Output Voltage VOUT 5.0 V Initial Accuracy: High-Grade –0.05 0.05 % Standard-Grade –0.1 0.1 % NOISE Output Voltage Noise f = 0.1Hz to 10Hz 15 μVPP (1) For VOUT ≤ 2.5V, the minimum supply voltage is 2.7V. 3 Copyright © 2007, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): REF5020 REF5025 REF5030 REF5040 REF5045 REF5050 |