| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
US2MA bảng dữ liệu(PDF) 1 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
US2MA bảng dữ liệu(HTML) 1 Page - ON Semiconductor |
|
1 / 5 page ![]() DATA SHEET www.onsemi.com © Semiconductor Components Industries, LLC, 2018 June, 2024 − Rev. 5 1 Publication Order Number: US2AA/D Super Fast Surface Mount Rectifiers US2AA-US2MA Features • Glass Passivated Chip Junction • High Surge Capacity • Low Forward Voltage Drop • Fast Switching with Reverse Recovery Time: 50∼75 ns Maximum • UL Flammability 94 V − 0 Classification • MSL 1 per J−STD−020 • RoHS Compliant / Green Molding Compound • NRV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP Capable* Table 1. ORDERING INFORMATION Part Number Top Mark Package Packing Method US2AA US2AA DO−214AC (SMA) Tape and Reel US2BA US2BA DO−214AC (SMA) Tape and Reel US2DA US2DA DO−214AC (SMA) Tape and Reel US2FA, NRVUS2FA* US2FA DO−214AC (SMA) Tape and Reel US2GA, NRVUS2GA* US2GA DO−214AC (SMA) Tape and Reel US2JA, NRVUS2JA* US2JA DO−214AC (SMA) Tape and Reel US2KA, NRVUS2KA* US2KA DO−214AC (SMA) Tape and Reel US2MA, NRVUS2MA* US2MA DO−214AC (SMA) Tape and Reel DISCONTINUED (Note 1) NRVUS2AA* US2AA DO−214AC (SMA) Tape and Reel NRVUS2BA* US2BA DO−214AC (SMA) Tape and Reel NRVUS2DA* US2DA DO−214AC (SMA) Tape and Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. 1. DISCONTINUED: These devices are not recommended for new design. Please contact your onsemi representative for information. The most current information on these devices may be available on www.onsemi.com. 1 2 Cathode Anode $Y&Z&3 US2XA MARKING DIAGRAM $Y = onsemi Logo &Z = Assembly Plant Code &3 = Data Code (Year & Week) US2XA = Specific Device Code X = A/B/D/F/G/J/K/M See detailed ordering, marking and shipping information on page 1 of this data sheet. NOTE: Some of the devices on this data sheet have been DISCONTINUED. Please refer to the table on page 1. ORDERING INFORMATION SMA CASE 403AE 1 2 |
Số phần tương tự - US2MA |
|
Mô tả tương tự - US2MA |