| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP4680 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MP4680 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 28 page ![]() 1996 Oct 25 3 Philips Semiconductors Product specification Video processor with automatic cut-off and white level control TDA4680 QUICK REFERENCE DATA SYMBOL PARAMETER MIN. TYP. MAX. UNIT VP supply voltage (pin 5) 7.2 8.0 8.8 V IP supply current (pin 5) − 85 − mA V8(p-p) luminance input (peak-to-peak value) − 0.45 − V V6(p-p) −(B − Y) input (peak-to-peak value) − 1.33 − V V7(p-p) −(R − Y) input (peak-to-peak value) − 1.05 − V V14 3-level sandcastle pulse H+V − 2.5 − V H − 4.5 − V BK − 8.0 − V 2-level sandcastle pulse H+V − 2.5 − V BK − 4.5 − V Vi(p-p) RGB input signals at pins 2, 3, 4, 10, 11 and 12 (peak-to-peak value) − 0.7 − V Vo(b-w) RGB outputs at pins 24, 22 and 20 (black-to-white value) − 2.0 − V Tamb operating ambient temperature 0 − 70 °C |