công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD8526SGL bảng dữ liệu(PDF) 1 Page - Leadtrend Technology

tên linh kiện LD8526SGL
Giải thích chi tiết về linh kiện  Synchronous Rectification Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEADTREND [Leadtrend Technology]
Trang chủ  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8526SGL bảng dữ liệu(HTML) 1 Page - Leadtrend Technology

  LD8526SGL Datasheet HTML 1Page - Leadtrend Technology LD8526SGL Datasheet HTML 2Page - Leadtrend Technology LD8526SGL Datasheet HTML 3Page - Leadtrend Technology LD8526SGL Datasheet HTML 4Page - Leadtrend Technology LD8526SGL Datasheet HTML 5Page - Leadtrend Technology LD8526SGL Datasheet HTML 6Page - Leadtrend Technology LD8526SGL Datasheet HTML 7Page - Leadtrend Technology LD8526SGL Datasheet HTML 8Page - Leadtrend Technology LD8526SGL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LD8526S
01/03/2020
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8526S-DS-00 January 2020
Synchronous Rectification Driver
REV. 00
General Description
LD8526S is a secondary side synchronous rectification (SR)
driver IC. It is suited for flyback low side and high side
synchronous rectification in CCM, DCM and QR mode. For
forward freewheeling rectification application, LD8526S can
be applied in CCM and DCM operation.
LD8526S can generate its own supply voltage through high
side rectification applications to charge battery.
Features
 Suited for low side and high side flyback synchronous
rectification in CCM, DCM and QR(valley lock) mode
 Suited for forward freewheeling rectification in CCM
and DCM
 Self-supplying for operation with low output voltage
and/or high
–side rectification without an auxiliary
winding.
 Suited for PSR with peak load function (max. frequency
130kHz)
 Programmable turn-off level
 Fast turn-off total delay of 30ns
 Gate source/sink capability: 0.5A/-3A
Applications
 Switching AC/DC adaptor and battery charger
 Open frame switching power supply


Số phần tương tự - LD8526SGL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leadtrend Technology
LD8526 LEADTREND-LD8526 Datasheet
764Kb / 13P
Synchronous Rectification Driver with Green Mode Function
REV. 00
LD8526GL LEADTREND-LD8526GL Datasheet
764Kb / 13P
Synchronous Rectification Driver with Green Mode Function
REV. 00
LD8526U1 LEADTREND-LD8526U1 Datasheet
478Kb / 14P
Synchronous Rectification Driver with Green Mode Function
REV. 00
LD8526U1GL LEADTREND-LD8526U1GL Datasheet
478Kb / 14P
Synchronous Rectification Driver with Green Mode Function
REV. 00
More results

Mô tả tương tự - LD8526SGL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF3703PBF IRF-IRF3703PBF_15 Datasheet
188Kb / 9P
Synchronous Rectification
IRFP3703PBF IRF-IRFP3703PBF_15 Datasheet
220Kb / 9P
Synchronous Rectification
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
STMicroelectronics
STEVAL-ISA049V1 STMICROELECTRONICS-STEVAL-ISA049V1 Datasheet
172Kb / 4P
Synchronous rectification
01-Jul-2009
STEVAL-ISA055V1 STMICROELECTRONICS-STEVAL-ISA055V1 Datasheet
78Kb / 4P
Synchronous rectification
18-Sep-2008
STODD01 STMICROELECTRONICS-STODD01 Datasheet
1Mb / 31P
Synchronous rectification
28-Feb-2011
ST2S06 STMICROELECTRONICS-ST2S06 Datasheet
339Kb / 18P
Synchronous rectification
22-May-2013
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
Renesas Technology Corp
HIP2106A RENESAS-HIP2106A Datasheet
242Kb / 2P
Low Voltage Driver for Synchronous Rectification
HIP2105 RENESAS-HIP2105 Datasheet
996Kb / 17P
Low Voltage Driver for Synchronous Rectification
Jun 6, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com