công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD8526 bảng dữ liệu(PDF) 10 Page - Leadtrend Technology

tên linh kiện LD8526
Giải thích chi tiết về linh kiện  Synchronous Rectification Driver with Green Mode Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEADTREND [Leadtrend Technology]
Trang chủ  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8526 bảng dữ liệu(HTML) 10 Page - Leadtrend Technology

Back Button LD8526 Datasheet HTML 5Page - Leadtrend Technology LD8526 Datasheet HTML 6Page - Leadtrend Technology LD8526 Datasheet HTML 7Page - Leadtrend Technology LD8526 Datasheet HTML 8Page - Leadtrend Technology LD8526 Datasheet HTML 9Page - Leadtrend Technology LD8526 Datasheet HTML 10Page - Leadtrend Technology LD8526 Datasheet HTML 11Page - Leadtrend Technology LD8526 Datasheet HTML 12Page - Leadtrend Technology LD8526 Datasheet HTML 13Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LD8526
08/31/2018
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8526-DS-00 August 2018
Application Information
Operation Overview
The LD8526 is a secondary side synchronous rectification
driver IC for CCM and DCM operation. The LD8526 not
only has excellent dead time control function for safety in
load transient, but also only needs very low operation
current in green mode. In addition, LD8526 can generate
its own supply voltage through low output voltage or high
side rectification applications to charge battery. Hence,
LD8526 is suitable for PD application.
LDO Charge Function
LD8526 has two LDO (low drop-out regulator), which are
used to provide VCC power. When LD8526 is applied in
low side, VIN is connected to DC output and HVR is
connected to SR MOSFET drain pin. Once the primary
side power on and DC output is below 4.4V, VCC will be
charged by HVR via LDO and VCC will keep at 5.8V at
heavy load. As DC output exceeds 4.4V, VCC will be
replaced by VIN to charge via LDO. When VIN increases,
VCC also rises until 5.2V.
When LD8526 is applied in high side, HVR is connected to
SR MOSFET drain pin, too. However VIN is floating. VCC
can only be charge by HVR via the LDO. And in heavy
load, the VCC is always maintained at 5.8V.
No matter LD8526 is applied in high side or low side, a
capacitor must exist from VCC to GND to store the energy.
Under Voltage Lockout (UVLO) and Enable
Function
An UVLO comparator is implemented in it to detect the
voltage on the VCC pin. It will assure the supply voltage
enough to turn on the LD8526 controllers and further to
drive the synchronous rectifier. As shown in Fig. 15, the
UVLO(ON) and UVLO(OFF) are 3V and 2.8V respectively.
To enable synchronous rectifier, the following conditions
must be met:
1.
VCC > UVLO(ON)
2.
Exit green mode
3.
DET > VDET_ON
With these restrictions, synchronous rectifier always
operates in stable condition. Therefore, some unstable
transient, which are like turn-on, turn-off, output short,
surge, ESD
…etc., will not make synchronous rectifier
unsafe when it works.
UVLO(ON)
UVLO(OFF)
VCC
DR
V
t
t
DET
t
VDET_ON
Fig. 15
Green Mode Operation
For improving the efficiency in light load conditions,
LD8526 stops SR MOSFET driving function to reduce
operation current, as shown in Fig. 16.
DET pin detects system behavior, and the internal logic
circuit sets DRV to high or low. Hence, LD8526 can
enter/exit green mode normally, even under dynamic load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com