| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LD7592GS bảng dữ liệu(PDF) 12 Page - Leadtrend Technology |
|
|
|||||||||||||||||||||||||||||
LD7592GS bảng dữ liệu(HTML) 12 Page - Leadtrend Technology |
|
12 / 15 page ![]() LD7592 06/05/2017 12 Leadtrend Technology Corporation www.leadtrend.com.tw LD7592-DS-00 June 2017 VCSA t t OUT IL t ZCD SNS CSA I R V ON ON OFF OFF ZCD ZCD Fig. 15 Fault Protection There are several critical protections integrated in the LD7592 to prevent the power supply or adapter from being damaged. Those damages usually come from open or short condition on the pins of LD7592. Under the conditions listed below, the gate output will turn off immediately to protect the power circuit: 1. Ramp pin short to ground 2. Ramp pin floating 3. CS pin floating GND Layout Suggestion LD7592 GND layout suggestion is shown in Fig.16. The LD7592 current sense loop is very important for the stable operation. The following are GND layout suggestion for LD7592: 1. The current sense loop path should be minimized, as shown in Fig.16 (red line loop). 2. The current sense resistor RCS should be placed close to IC GND. 3. The VCC capacitor CVCC should be placed close to VCC pin. 4. Signal ground will be separated, as shown in Fig.16 (green area). RCS LD7592 VCC OUT GND OVP CS COMP RAMP INV RSNS AC Input EMI Filter CVCC Fig. 16 |