công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EPC19 bảng dữ liệu(PDF) 2 Page - TDK Electronics

tên linh kiện EPC19
Giải thích chi tiết về linh kiện  Ferrite Cores For Power Supply and Signal Transformer EPC Cores
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

EPC19 bảng dữ liệu(HTML) 2 Page - TDK Electronics

  EPC19 Datasheet HTML 1Page - TDK Electronics EPC19 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
132
980706
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Ferrite Cores
EPC Series
For Power Supply and Signal Transformer
EPC Cores
BOBBINS
SURFACE MOUNT TYPE
DROP-IN TYPE
LEAD-THROUGH TYPE
∗ Clamp material: Stainless steel
• Material: FR phenol, UL Grade: 94V-0, Pin material: Steel wire (Solder plated)
Part No.
No. of lead terminal
Dimensions (mm)
Clamp∗
WD
H
BEPC-10-118GA
8
11
11.7
5.2
FEPC-10-A
BEPC-13-1110GA
10
14.2
20.6
7.3
FEPC-13-A
BEPC-17-119GA
9
18.2
23.2
9.9
FEPC-17-A
BEPC-19-1110GA
10
20.2
25.2
9.9
FEPC-19-A
BEPC-25B-1111G
11
26.1
28.9
9.9
FEPC-25B-A
Part No.
No. of pin terminal
Dimensions (mm)
Clamp∗
WD
H
BEPC-19-1110SA
10
20.2
26.2
9.8
FEPC-19-A
BEPC-25B-1111S
11
26
37.9
9.5
FEPC-25B-A
W
W
Part No.
No. of pin terminal
Dimensions (mm)
Clamp∗
WD
H
BEPC-13-1110CPH
10
13.9
14.8
7.7
FEPC-13-A
BEPC-17-1110CPH
10
18.2
19.1
12.1
FEPC-17-A
BEPC-19-1111CPH
11
20
21.5
12.1
FEPC-19-A
BEPC-25-1111CPH
11
26.1
27
16.2
FEPC-25-A
BEPC-27-1111CPH
11
28.1
34
16.2
FEPC-27-A
BEPC-27N-1114CPH
14
29
36.5
9
FEPC-27-A
BEPC-30-1112CPH
12
31.1
37
16.2
FEPC-30-A
D
W



Html Pages

1 2