| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UTXS0102L-S08-R bảng dữ liệu(PDF) 11 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UTXS0102L-S08-R bảng dữ liệu(HTML) 11 Page - Unisonic Technologies |
|
11 / 13 page ![]() UTXS0102 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 11 of 13 www.unisonic.com.tw QW-R140-034.b TEST CIRCUIT AND WAVEFORMS Load Circuits Notes: 1. CL includes probe and jig capacitance. 2. ten is the same as tPZL and tPZH. tdis is the same as tPLZ and tPHZ. 3. VCCI is the supply voltage associated with the input. 4. VCCO is the supply voltage associated with the input. |