| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5174 bảng dữ liệu(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5174 bảng dữ liệu(HTML) 13 Page - Analog Devices |
|
13 / 20 page ![]() AD5174 Rev. B | Page 13 of 20 RDAC AND 50-TP READ OPERATION A serial data output SDO pin is available for readback of the internal RDAC register or 50-TP memory contents. The contents of the RDAC register can be read back through SDO by using Command 2 (see Table 6). Data from the RDAC register is clocked out of the SDO pin during the last 10 clocks of the next SPI operation. It is possible to read back the contents of any of the 50-TP memory registers through SDO by using Command 5. The lower six LSB bits, D5 to D0 of the data byte, select which memory location is to be read back, as shown in Table 10. Data from the selected memory location is clocked out of the SDO pin during the next SPI operation. A binary encoded version address of the most recently programmed wiper memory location can be read back using Command 6 (see Table 6). This can be used to monitor the spare memory status of the 50-TP memory block. Table 7 provides a sample listing for the sequence of serial data input (DIN) words with the serial data output appearing at the SDO pin in hexadecimal format for a write and read to both the RDAC register and the 50-TP memory (Memory Location 20). Table 6. Command Operation Truth Table Command[DB13:DB10] Data[DB9:DB0]1 Command Number C3 C2 C1 C0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Operation 0 0 0 0 0 X X X X X X X X X X NOP: do nothing. 1 0 0 0 1 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Write contents of serial register data to RDAC. 2 0 0 1 0 X X X X X X X X X X Read contents of RDAC wiper register. 3 0 0 1 1 X X X X X X X X X X Store wiper setting: store RDAC setting to 50-TP. 4 0 1 0 0 X X X X X X X X X X Software reset: refresh RDAC with last 50-TP memory stored value. 52 0 1 0 1 X X X X D5 D4 D3 D2 D1 D0 Read contents of 50-TP from SDO output in the next frame. 6 0 1 1 0 X X X X X X X X X X Read address of last 50-TP programmed memory location. 73 0 1 1 1 X X X X X X X X D1 D0 Write contents of serial register data to control register. 8 1 0 0 0 X X X X X X X X X X Read contents of control register. 9 1 0 0 1 X X X X X X X X X D0 Software shutdown. D0 = 0; normal mode. D0 = 1; device placed in shutdown mode. 1 X is don’t care. 2 See Table 10 for 50-TP memory map. 3 See Table 9 for bit details. |