| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5124 bảng dữ liệu(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5124 bảng dữ liệu(HTML) 21 Page - Analog Devices |
|
21 / 29 page ![]() Data Sheet AD5122A/AD5142A THEORY OF OPERATION analog.com Rev. D | 21 of 29 EEPROM Write Acknowledge Polling After each write operation to the EEPROM, an internal write cycle begins. The I2C interface of the device is disabled. To determine if the internal write cycle is complete and the I2C interface is enabled, interface polling can be executed. I2C interface polling can be conducted by sending a start condition, followed by the target address and the write bit. If the I2C interface responds with an acknowledge, the write cycle is complete, and the interface is ready to proceed with further operations. Otherwise, I2C interface polling can be repeated until it succeeds. Read Operation The AD5122A/AD5142A allow readback of the contents of the RDAC register and EEPROM memory through the I2C interface by using Command 3 (see Table 13). When reading data back from the AD5122A/AD5142A, the user must first issue a readback command to the device. The readback command begins with a start command, followed by an address byte (R/W = 0), after which the device acknowledges that it is prepared to receive data by pulling SDA low. Two bytes of data are then written to the AD5122A/AD5142A, the most significant byte followed by the least significant byte. Both of these data bytes are acknowledged by the AD5122A/AD5142A. A stop condition follows. These bytes contain the read instruction, which enables readback of the RDAC register and EEPROM mem- ory. The user can then read back the data. The readback begins with a start command followed by an address byte (R/W = 1), after which the device acknowledges that it is prepared to transmit data by pulling SDA low. Two bytes of data are then read from the device, which are both acknowledged by the controller, as shown in Figure 40. A stop condition follows. If the controller does not acknowledge the first byte, the second byte is not transmitted by the AD5122A/AD5142A. The AD5122A/AD5142A do not support repeat readback. Figure 40. AD5122A/AD5142A Interface Read Command |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |