| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EVAL-AD3552RFMC2Z bảng dữ liệu(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-AD3552RFMC2Z bảng dữ liệu(HTML) 32 Page - Analog Devices |
|
32 / 70 page ![]() Data Sheet AD3552R THEORY OF OPERATION analog.com Rev. B | 32 of 70 CRC Error Detection The AD3552R features an optional CRC to provide error detection for SPI transactions between the digital host (master) and the AD3552R (slave). CRC error detection allows SPI masters and slaves to detect bit transfer errors with significant reliability. The CRC algorithm involves using a seed value and polynomial division to generate a CRC code. The master and slave both calculate the CRC code independently and compare it to determine the validity of the transferred data. The AD3552R uses the CRC-8 standard with the following polyno- mial: x8+x2+x+1 (2) CRC error detection is enabled with the CRC_EN and CRC_EN_B bits in the INTERFACE_CONFIG_C register. The value of CRC_EN is only updated if CRC_EN_B is set to the CRC_EN inverted value in the same register write instruction. Therefore, to enable the CRC, CRC_EN must be set to 0b01 while CRC_EN_B is set to 0b10 in the same write transaction. To disable the CRC, CRC_ENABLE must be set to 0b00 while CRC_ENABLE_B is set to 0b11 in the same write transaction. Writing inverted values to two separate fields reduces the chances of CRC being enabled by mistake. CS must be brought high at the end of the enable or disable write. The transaction following the enabling of the CRC must already include the CRC byte, regardless if it is a write or read operation. A register write transaction that disables CRC must still include the CRC code at the end, but the transaction following the disabling of the CRC does not have to include the CRC byte. Figure 78 and Figure 79 show how a CRC code is appended at the end of a write or read transaction, respectively, in single SPI mode (classic mode). For register writes, the digital host must generate the CRC by performing the calculation described in Equation 2 on the seed, the address, and the data. The AD3552R performs the same calculation and shifts out the CRC code on SDO at the same time as the host. The transaction is free of error if both CRC codes match. For register reads, the host calculates the CRC on the seed, the address, and a zero padding while the AD3552R calculates the CRC on the seed, the address, and the readout data. Both nodes then shift out the CRC code at the same time so that it can be checked on both sides. Figure 78. Basic SPI Write Frame with CRC Figure 79. Basic SPI Read Frame with CRC When accessing multibyte registers with CRC error detection ena- bled, the CRC code is placed after all of the bytes of register data. When CRC error detection is enabled, the AD3552R does not up- date its register contents in response to a register write transaction unless it receives a valid CRC code at the end of the register data. If the CRC code is invalid, or if the digital host fails to transmit the CRC code, the AD3552R does not update its register contents, and the INVALID_OR_NO_CRC flag in the INTERFACE_STATUS_A register is set. The INVALID_OR_NO_CRC flag is cleared when 1 is written to this bit, and the correct CRC is required for the write to clear the bit to take effect. Table 13 shows the seed value used in the CRC code calculation and how it is calculated for both single instruction mode and streaming mode. Table 13. CRC Seed Values and Extent of CRC Calculation SPI Transaction Type Pin Single Instruction Mode Streaming Mode, First Data Phase Streaming Mode, Subsequent Data Phases Read SDI 0xA5, instruction phase, padding 0xA5, instruction phase, padding No CRC sent SDO 0xA5, instruction phase, read data 0xA5, instruction phase, read data Least significant byte of address, read data Write SDI 0xA5, instruction phase, write data 0xA5, instruction phase, write data Least significant byte of address, write data SDO 0xA5, instruction phase, write data 0xA5, instruction phase, write data Least significant byte of address, write data |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |