| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD3552R bảng dữ liệu(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD3552R bảng dữ liệu(HTML) 13 Page - Analog Devices |
|
13 / 70 page ![]() Data Sheet AD3552R PIN CONFIGURATION AND FUNCTION DESCRIPTIONS analog.com Rev. B | 13 of 70 Table 7. Pin Function Descriptions (Continued) Pin No. Mnemonic Type Description 28 NCAP0 AI/O Noise Reduction Capacitor for DAC0, Optional. Capacitor connected to GND. 29 PCAP0 AI/O Noise Reduction Capacitor for DAC0, Optional. Capacitor connected to AVDD. 30 DGND S Digital Ground Reference. It is recommended to connect DGND and AGND to the same ground plane under the device. 31 QSPI DI QSPI Mode Enable. Digital input. A high level enables quad SPI interface mode. 32 DNC DNC Do Not Connect. Leave pin floating. EPAD Exposed Pad. Connect this pad to AGND and provide thermal vias, as explained in the Layout Guidelines section. |