| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2012EP bảng dữ liệu(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
P2012EP bảng dữ liệu(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
2 / 4 page ![]() Series P Internationally Approved Toggles www.nkk.com A91 A Distinctive Characteristics Actual Size Meets EN 61058-1 standard. High torque bushing construction prevents rotation or separation from frame during installation. Stainless steel frame resists corrosion and increases environmental safety. Case/base of heat resistant resin meets UL94V-0 flammability standard. Contacts of special silver alloy resist arcing and guarantee stable electrical contact and long life. High insulating barriers increase isolation of circuits in double pole devices and provide added protection to contact points. Prominent external insulating barriers increase insulation resistance and dielectric strength. Epoxy sealed terminals prevent entry of flux, solvents, and other contaminants. Clinching of the frame to the case well above the base and terminals provides 4,000V dielectric strength. |