công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PX2AS2002BSAB bảng dữ liệu(PDF) 16 Page - Honeywell Accelerometers

tên linh kiện PX2AS2002BSAB
Giải thích chi tiết về linh kiện  Heavy Duty Pressure Transducers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL-ACC [Honeywell Accelerometers]
Trang chủ  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

PX2AS2002BSAB bảng dữ liệu(HTML) 16 Page - Honeywell Accelerometers

Back Button PX2AS2002BSAB Datasheet HTML 9Page - Honeywell Accelerometers PX2AS2002BSAB Datasheet HTML 10Page - Honeywell Accelerometers PX2AS2002BSAB Datasheet HTML 11Page - Honeywell Accelerometers PX2AS2002BSAB Datasheet HTML 12Page - Honeywell Accelerometers PX2AS2002BSAB Datasheet HTML 13Page - Honeywell Accelerometers PX2AS2002BSAB Datasheet HTML 14Page - Honeywell Accelerometers PX2AS2002BSAB Datasheet HTML 15Page - Honeywell Accelerometers PX2AS2002BSAB Datasheet HTML 16Page - Honeywell Accelerometers PX2AS2002BSAB Datasheet HTML 17Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
sensing.honeywell.com
PX2 Series
ADDITIONAL INFORMATION
The following associated literature is available at
sensing.honeywell.com:
• Product line guide
• Product part listing/nomenclature tree
• Product range guide
• Technical Information:
– Total Error Band Specification for Honeywell Heavy Duty
Pressure Transducers, PX2 Series
• Datasheet
• Application information
• Product installation instructions
WARRANTY/REMEDY
Honeywell warrants goods of its manufacture as being free of
defective materials and faulty workmanship. Honeywell’s standard
product warranty applies unless agreed to otherwise by Honeywell
in writing; please refer to your order acknowledgement or consult
your local sales office for specific warranty details. If warranted
goods are returned to Honeywell during the period of coverage,
Honeywell will repair or replace, at its option, without charge
those items it finds defective.
The foregoing is buyer’s sole
remedy and is in lieu of all other warranties, expressed or
implied, including those of merchantability and fitness for
a particular purpose. In no event shall Honeywell be liable
for consequential, special, or indirect damages.
While we provide application assistance personally, through our
literature and the Honeywell website, it is up to the customer to
determine the suitability of the product in the application.
Specifications may change without notice. The information we
supply is believed to be accurate and reliable as of this issue;
however, we assume no responsibility for its use.
WARNING
PERSONAL INJURY
DO NOT USE
these products as safety or emergency stop
devices or in any other application where failure of the product
could result in personal injury.
Failure to comply with these instructions could result in
death or serious injury.
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this datasheet is for reference
only. Do not use this document as a product installation
guide.
• Complete installation, operation, and maintenance
information is provided in the instructions supplied with
each product.
Failure to comply with these instructions could result in
death or serious injury.
CAUTION
PRODUCT DAMAGE
• Ensure torque specifications are determined for the
specific application. Values provided are for reference
only. NPT ports are not specified with torque values.
Correct installation is based on the number of Turns
From Finger Tight (TFFT). (Mating materials and thread
sealants can result in significantly different torque values
form one application to the next.)
• When using NPT ports in stainless steel manifolds, use a
thread sealant with anti-seize properties to prevent thread
galling. Ensure the sealant is rated for the application.
• Use appropriate tools (such as an open ended wrench or
deep well socket) to install transducers.
• Always hand-start transducers into the hole to prevent
cross threading and damage
Failure to comply with these instructions may result in
product damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com