công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APTGT150A60TG bảng dữ liệu(PDF) 1 Page - Microsemi Corporation

tên linh kiện APTGT150A60TG
Giải thích chi tiết về linh kiện  Phase leg Trench Field Stop IGBT Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT150A60TG bảng dữ liệu(HTML) 1 Page - Microsemi Corporation

  APTGT150A60TG Datasheet HTML 1Page - Microsemi Corporation APTGT150A60TG Datasheet HTML 2Page - Microsemi Corporation APTGT150A60TG Datasheet HTML 3Page - Microsemi Corporation APTGT150A60TG Datasheet HTML 4Page - Microsemi Corporation APTGT150A60TG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGT150A60TG
www.microsemi.com
1 - 5
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
VBUS
Q1
G1
E1
OUT
NTC2
0/VBUS
G2
E2
NTC1
Q2
OUT
OUT
NTC2
VBUS
E1
G2
E2
NTC1
0/VBUS
G2
E2
G1
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
TC= 25°C
225
IC
Continuous Collector Current
TC= 80°C
150
ICM
Pulsed Collector Current
TC= 25°C
350
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
480
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 150°C
300A @ 550V
VCES = 600V
IC = 150A @ Tc = 80°C
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
•
Motor control
Features
•
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
•
Kelvin emitter for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
High level of integration
•
Internal thermistor for temperature monitoring
Benefits
•
Stable temperature behavior
•
Very rugged
•
Solderable terminals for easy PCB mounting
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Easy paralleling due to positive TC of VCEsat
•
Low profile
•
RoHS Compliant
Phase leg
Trench + Field Stop IGBT®
Power Module


Số phần tương tự - APTGT150A60TG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Power Technolo...
APTGT150A60T ADPOW-APTGT150A60T Datasheet
279Kb / 5P
Phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT150A60T1G MICROSEMI-APTGT150A60T1G Datasheet
280Kb / 5P
Phase leg Trench Field Stop IGBT짰 Power Module
APTGT150A60T3AG MICROSEMI-APTGT150A60T3AG Datasheet
203Kb / 5P
Phase leg Trench Field Stop IGBT Power Module
More results

Mô tả tương tự - APTGT150A60TG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Power Technolo...
APTGT150A170 ADPOW-APTGT150A170 Datasheet
269Kb / 5P
Phase leg Trench Field Stop IGBT Power Module
APTGT200A60T ADPOW-APTGT200A60T Datasheet
279Kb / 5P
Phase leg Trench Field Stop IGBT Power Module
APTGT225A170 ADPOW-APTGT225A170 Datasheet
270Kb / 5P
Phase leg Trench Field Stop IGBT Power Module
APTGT600A60 ADPOW-APTGT600A60 Datasheet
270Kb / 5P
Phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100A170TG MICROSEMI-APTGT100A170TG Datasheet
259Kb / 5P
Phase leg Trench Field Stop IGBT Power Module
APTGT300A60G MICROSEMI-APTGT300A60G Datasheet
246Kb / 5P
Phase leg Trench Field Stop IGBT Power Module
APTGT100A120T3AG MICROSEMI-APTGT100A120T3AG Datasheet
210Kb / 5P
Phase leg Trench Field Stop IGBT Power Module
APTGT150A120D1G MICROSEMI-APTGT150A120D1G Datasheet
187Kb / 4P
Phase leg Trench Field Stop IGBT Power Module
APTGT200A60T3AG MICROSEMI-APTGT200A60T3AG Datasheet
206Kb / 5P
Phase leg Trench Field Stop IGBT Power Module
APTGT400A120D3G MICROSEMI-APTGT400A120D3G Datasheet
218Kb / 5P
Phase leg Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com