| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPMIC25BPQR bảng dữ liệu(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25BPQR bảng dữ liệu(HTML) 82 Page - STMicroelectronics |
|
82 / 145 page ![]() 6.3.7 Fail-safe overcurrent protection control register 1 (FS_OCP_CR1) Table 48. FS_OCP_CR1 7 6 5 4 3 2 1 0 R/W R/W R/W R/W R/W R/W R/W R/W • Address: 0x16 • Default: 0xXX where X depends on the value programmed in the NVM • Description: Fail-safe overcurrent protection control register 1 (see Section 5.4.9). This register is initialized to the default value in the CHECK&LOAD state. [7] FS_OCP_REFDDR: REFDDR OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [6] FS_OCP_BUCK7: BUCK7 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [5] FS_OCP_BUCK6: BUCK6 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [4] FS_OCP_BUCK5: BUCK5 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [3] FS_OCP_BUCK4: BUCK4 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [2] FS_OCP_BUCK3: BUCK3 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [1] FS_OCP_BUCK2: BUCK2 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) [0] FS_OCP_BUCK1: BUCK1 OCP management mode selection. 0: OCP hiccup mode (Level 0) 1: OCP fail-safe PMIC turn-off (Level 1) STPMIC25 Register descriptions DS14278 - Rev 3 page 82/145 |