công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PXM6033TP bảng dữ liệu(PDF) 6 Page - Elektron Components Ltd.

tên linh kiện PXM6033TP
Giải thích chi tiết về linh kiện  Robust, instant connections for harsh environments
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BULGIN [Elektron Components Ltd.]
Trang chủ  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXM6033TP bảng dữ liệu(HTML) 6 Page - Elektron Components Ltd.

  PXM6033TP Datasheet HTML 1Page - Elektron Components Ltd. PXM6033TP Datasheet HTML 2Page - Elektron Components Ltd. PXM6033TP Datasheet HTML 3Page - Elektron Components Ltd. PXM6033TP Datasheet HTML 4Page - Elektron Components Ltd. PXM6033TP Datasheet HTML 5Page - Elektron Components Ltd. PXM6033TP Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
bulgin
a brand of Elektron Technology
Europe
Elektron Technology, Woodland Road, Torquay,
Devon UK TQ2 7AY
t: +44 (0)1803 407752
e: europe@elektron-technology.com
The Americas
Elektron Technology, 31-315 Plantation Drive
Thousand Palms CA 92276
t: +1 760-343-3650
e: americas@elektron-technology.com
China and Asia
Elektron Technology, Room 902 No.568 Hengfeng Rd,
Henhui Int Building, Shanghai 200070, China
t: +86 21-6040-0060
e: asia@elektron-technology.com
Cable construction - PXP6037, PXP6038 and 14199
SPECIFICATION
Stranded S-FTP Patch cord cable - PUR Jacket
Polyurethane (PUR) jacket cable with internal construction exceeding Cat 5e performance
levels. The PUR jacket has excellent abrasion, chemical and ozone resistance, low smoke,
low halogen flame retardant construction suitable for internal and external industrial
environments.
Cable
Conductors
24AWG (7/0.2mm) bare copper
Insulation
HD-PE
Pair
2 of the above cores twisted
Core
4 of the above cores
Tape
1 lap mylar tape
Screen
1 layer mylar and aluminium tape, 0.12mm tinned copper braid
Sheath
PUR Jacket Black
Op Temperature
–25°C to +85°C
Min. bend radius
10 x o/d (installation)
Min. bend radius
6 x o/d (installed)
Diameter
6.1mm nominal
Electrical @ 20˚C
Characteristic
Impedance
100
Ω±15Ω@100MHz
Capacitance
330pF/km
Conductor Loop
resistance
29
Ω/100mmaximum
Skew
45 nsec/100m @ 100MHz
TIA/EIA Rating
Cat 5e
RJ45 Plug
Materials
Moulding
Polycarbonate
Flammability
UL94V-0
Contact material
Phosphor Bronze
Contact plating
50 micron gold
Storage Temperature
–40°C to +70°C
Mating cycles
1,000 cycles
RoHS
Compliant
Electrical
No. Conductors
8
Conductor types
24-28AWG, solid or multi-
stranded
Current rating
1.5A
Voltage rating
30V ac, 42V dc
Contact resistance
10m
Ωmax.
Performance
Cat 5e
RoHS
Compliant
RJ45 Coupler
Materials
Coupler Shell
Copper Alloy
Coupler Plating
Nickel
Moulding
ABS
Flammability
UL94V-0
Contact material
Phosphor Bronze
Contact plating
50 micron gold
Storage Temperature
–40°C to +70°C
Mating cycles
1,000 cycles
Electrical
No. Conductors
8
Current rating
1.5A
Voltage rating
30V ac, 42V dc
Contact resistance
10m
Ωmax.
Performance
Cat 5e
24 AWG -
7/0.20mm conductor
Braiding
7/0.12mm
Jacket
6.10mm dia.
Mylar tape
Insulation - HD-PE
Aluminium/PEPT tape
Polyurethane (PUR) Jacket
Drain Wire
Connectors
Mechanical
Sealing
IP69K, DIN40050-9
IP68, EN60529
IP66, EN60529
Operating Temperature
Re-wireable and Metal
–20˚C to +70˚C
Overmoulded patchcords
0˚C to +70˚C
Materials - Overmoulded
Overmould material
PVC (black)
Flammability rating
UL94V-0
Materials - Re-wireable and Panel Connectors
Plastic
PC/PBT
Metal
Machined Brass, Nickel Plated
Flammability rating
UL94V-0
‘O’ rings
Silicon
Panel Gasket - round
Silicon
Panel Gasket - flange
Silicon
Approvals (pending)
UL
RoHS
Compliant
Ethernet – Metal and Thermo-plastic versions
6000 Series Buccaneer®



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com