| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISM330BX bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISM330BX bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 150 page ![]() 5.3.3 Mapping the TDM axes Within one frame, the data signal (DOUT) is divided into multiple segments. We call each segment a slot in this document. The data slot width is fixed and equal to 16 bits. In each slot, data should be left-justified (MSB first). The number of slots in a WCLK frame can be variable and it depends on the ratio between BCLK and WCLK. However, as depicted in Table 19 and Table 20, only the slots 0, 1, 2 and 4, 5, 6 can be used to send accelerometer data, all the other slots are always set in high-impedance. The mapping between the input data and the TDM output slots is flexible and can be configured through the I²C/SPI/I3C register mapping (TDM_CFG0 (6Ch)). In particular two possible configurations can be selected: • Axes data (Z, Y, X) mapped to TDM slots (0, 1, 2) (mapping = 0) • Axes data (Z, Y, X) mapped to TDM slots (4, 5, 6) (mapping = 1) Table 19. Axes Z, Y, X mapped to SLOT0, SLOT1, SLOT2 SLOT0 SLOT1 SLOT2 SLOT3 SLOT4 SLOT5 SLOT6 SLOT7 ... SLOTN Z-axis Y-axis X-axis HiZ HiZ HiZ HiZ HiZ HiZ Table 20. Axes Z, Y, X mapped to SLOT4, SLOT5, SLOT6 SLOT0 SLOT1 SLOT2 SLOT3 SLOT4 SLOT5 SLOT6 SLOT7 ... SLOTN HiZ HiZ HiZ HiZ Z-axis Y-axis X-axis HiZ HiZ ISM330BX Digital interfaces DS14588 - Rev 2 page 32/150 |