công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISM330BX bảng dữ liệu(PDF) 131 Page - STMicroelectronics

tên linh kiện ISM330BX
Giải thích chi tiết về linh kiện  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX bảng dữ liệu(HTML) 131 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 127Page - STMicroelectronics ISM330BX Datasheet HTML 128Page - STMicroelectronics ISM330BX Datasheet HTML 129Page - STMicroelectronics ISM330BX Datasheet HTML 130Page - STMicroelectronics ISM330BX Datasheet HTML 131Page - STMicroelectronics ISM330BX Datasheet HTML 132Page - STMicroelectronics ISM330BX Datasheet HTML 133Page - STMicroelectronics ISM330BX Datasheet HTML 134Page - STMicroelectronics ISM330BX Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 150 page
background image
13.2.7
MLC_QVAR_SENSITIVITY_L (E8h) and MLC_QVAR_SENSITIVITY_H (E9h)
Qvar sensor sensitivity value register for the machine learning core (R/W)
This register corresponds to the conversion value of the Qvar sensor. The register value is expressed as half-
precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
The default value of MLC_QVAR_S_[15:0] is 0x3C00.
Table 306. MLC_QVAR_SENSITIVITY_L register
MLC_
QVAR_S_7
MLC_
QVAR_S_6
MLC_
QVAR_S_5
MLC_
QVAR_S_4
MLC_
QVAR_S_3
MLC_
QVAR_S_2
MLC_
QVAR_S_1
MLC_
QVAR_S_0
Table 307. MLC_QVAR_SENSITIVITY_L register description
MLC_QVAR_S_[7:0]
Qvar sensor sensitivity (LSbyte). Default value: 00000000
Table 308. MLC_QVAR_SENSITIVITY_H register
MLC_
QVAR_S_15
MLC_
QVAR_S_14
MLC_
QVAR_S_13
MLC_
QVAR_S_12
MLC_
QVAR_S_11
MLC_
QVAR_S_10
MLC_
QVAR_S_9
MLC_
QVAR_S_8
Table 309. MLC_QVAR_SENSITIVITY_H register description
MLC_QVAR_S_[15:8]
Qvar sensor sensitivity (MSbyte). Default value: 00111100
ISM330BX
Embedded advanced features register description
DS14588 - Rev 2
page 131/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More