| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISM330BX bảng dữ liệu(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISM330BX bảng dữ liệu(HTML) 114 Page - STMicroelectronics |
|
114 / 150 page ![]() 11.25 FSM_OUTS4 (4Fh) FSM4 output register (R) Table 237. FSM_OUTS4 register P_axis_1 N_axis_1 P_axis_2 N_axis_2 P_axis_3 N_axis_3 P_V N_V Table 238. FSM_OUTS4 register description P_axis_1 FSM4 output: positive event detected on axis 1. This axis corresponds to the X-axis if the gyrocope is used and to the Z-axis if the accelerometer is used. Results related to Qvar are reported on axis 1. (0: event not detected; 1: event detected) N_axis_1 FSM4 output: negative event detected on axis 1. This axis corresponds to the X-axis if the gyrocope is used and to the Z-axis if the accelerometer is used. Results related to Qvar are reported on axis 1. (0: event not detected; 1: event detected) P_axis_2 FSM4 output: positive event detected on axis 2. This axis corresponds to the Y-axis for both the gyrocope and accelerometer. (0: event not detected; 1: event detected) N_axis_2 FSM4 output: negative event detected on axis 2. This axis corresponds to the Y-axis for both the gyrocope and accelerometer. (0: event not detected; 1: event detected) P_axis_3 FSM4 output: positive event detected on axis 3. This axis corresponds to the Z-axis if the gyrocope is used and to the X-axis if the accelerometer is used. (0: event not detected; 1: event detected) N_axis_3 FSM4 output: negative event detected on axis 3. This axis corresponds to the Z-axis if the gyrocope is used and to the X-axis if the accelerometer is used. (0: event not detected; 1: event detected) P_V FSM4 output: positive event detected on the vector. (0: event not detected; 1: event detected) N_V FSM4 output: negative event detected on the vector. (0: event not detected; 1: event detected) ISM330BX Embedded functions register description DS14588 - Rev 2 page 114/150 |