công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISM330BX bảng dữ liệu(PDF) 102 Page - STMicroelectronics

tên linh kiện ISM330BX
Giải thích chi tiết về linh kiện  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX bảng dữ liệu(HTML) 102 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 98Page - STMicroelectronics ISM330BX Datasheet HTML 99Page - STMicroelectronics ISM330BX Datasheet HTML 100Page - STMicroelectronics ISM330BX Datasheet HTML 101Page - STMicroelectronics ISM330BX Datasheet HTML 102Page - STMicroelectronics ISM330BX Datasheet HTML 103Page - STMicroelectronics ISM330BX Datasheet HTML 104Page - STMicroelectronics ISM330BX Datasheet HTML 105Page - STMicroelectronics ISM330BX Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 150 page
background image
11.8
FSM_INT1 (0Bh)
INT1 pin control register (R/W)
Each bit in this register enables a signal to be carried over INT1. The pin's output supplies the OR combination of
the selected signals.
Table 201. FSM_INT1 register
INT1_FSM8
INT1_FSM7
INT1_FSM6
INT1_FSM5
INT1_FSM4
INT1_FSM3
INT1_FSM2
INT1_FSM1
Table 202. FSM_INT1 register description
INT1_FSM8(1)
Routing FSM8 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_FSM7(1)
Routing FSM7 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_FSM6(1)
Routing FSM6 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_FSM5(1)
Routing FSM5 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_FSM4(1)
Routing FSM4 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_FSM3(1)
Routing FSM3 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_FSM2(1)
Routing FSM2 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
INT1_FSM1(1)
Routing FSM1 interrupt event to INT1. Default value: 0
(0: routing to INT1 disabled; 1: routing to INT1 enabled)
1. This bit is active when the INT1_EMB_FUNC bit of MD1_CFG (5Eh) is set to 1.
ISM330BX
Embedded functions register description
DS14588 - Rev 2
page 102/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More